Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D44VH Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D44VH
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D44VH Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D44VH Datasheet HTML 1Page - Inchange Semiconductor Company Limited D44VH Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
D44VH Series
DESCRIPTION
·Low Saturation Voltage
·Fast Switching Speed
·Complement to Type D45VH Series
APPLICATIONS
·Designed for high-speed switching applications, such as
switching regulators and high frequency inverters. They are
also well-suited for drivers for high power switching circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
D44VH 1
50
D44VH 4
70
D44VH 7
80
VCEV
Collector-Emitter
Voltage
D44VH 10
100
V
D44VH 1
30
D44VH 4
45
D44VH 7
60
VCEO
Collector-Emitter
Voltage
D44VH 10
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
20
A
PC
Collector Power Dissipation
@TC=25℃
83
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.5
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - D44VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
New Jersey Semi-Conduct...
D44VH NJSEMI-D44VH Datasheet
1Mb / 3P
NPN POWER TRANSISTORS
D44VH1 NJSEMI-D44VH1 Datasheet
1Mb / 3P
NPN POWER TRANSISTORS
D44VH1 NJSEMI-D44VH1 Datasheet
1Mb / 3P
NPN POWER TRANSISTORS
logo
ON Semiconductor
D44VH10 ONSEMI-D44VH10 Datasheet
90Kb / 5P
Complementary Silicon Power Transistors
November, 2007 - Rev. 5
More results

Similar Description - D44VH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com