Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RGL34K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RGL34K
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RGL34K Datasheet(HTML) 1 Page - Vishay Siliconix

  RGL34K Datasheet HTML 1Page - Vishay Siliconix RGL34K Datasheet HTML 2Page - Vishay Siliconix RGL34K Datasheet HTML 3Page - Vishay Siliconix RGL34K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88698
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Glass Passivated Junction Fast Switching Rectifier
RGL34A thru RGL34K
Vishay General Semiconductor
FEATURES
• Superectifier structure for high reliability condition
• Ideal for automated placement
• Fast switching for high efficiency
• Meets environmental standard MIL-S-19500
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters,
converters,
and
freewheeling
diodes
for
consumer, automotive, and telecommunication.
MECHANICAL DATA
Case: DO-213AA, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Two bands indicate cathode end - 1st band
denotes device type and 2nd band denotes repetitive peak
reverse voltage rating
PRIMARY CHARACTERISTICS
IF(AV)
0.5 A
VRRM
50 V to 800 V
IFSM
10 A
trr
150 ns, 250 ns
VF
1.3 V
TJ max.
175 °C
DO-213AA (GL34)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
RGL34A
RGL34B
RGL34D
RGL34G
RGL34J
RGL34K
UNIT
FAST SWITCHING DEVICE: 1st BAND IS RED
Polarity color bands (2nd band)
Gray
Red
Orange
Yellow
Green
Blue
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
V
Maximum average forward rectified current
at TT = 55 °C
IF(AV)
0.5
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
10
A
Maximum full load reverse current,
full cycle average TA = 55 °C
IR(AV)
30
μA
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - RGL34K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RGL34K MCC-RGL34K Datasheet
352Kb / 2P
0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RGL34K DIOTEC-RGL34K Datasheet
228Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34K SEMIKRON-RGL34K Datasheet
109Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
RGL34K DIOTEC-RGL34K Datasheet
103Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34K SEMIKRON-RGL34K Datasheet
113Kb / 2P
Surface mount diode
More results

Similar Description - RGL34K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1 VISHAY-RGF1 Datasheet
35Kb / 2P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
Surface-Mount Glass Passivated Junction Fast Switching Rectifier
17-Aug-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com