Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6521FE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # 71M6521FE
Description  Energy Meter ICs
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6521FE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button 71M6521FE Datasheet HTML 17Page - Maxim Integrated Products 71M6521FE Datasheet HTML 18Page - Maxim Integrated Products 71M6521FE Datasheet HTML 19Page - Maxim Integrated Products 71M6521FE Datasheet HTML 20Page - Maxim Integrated Products 71M6521FE Datasheet HTML 21Page - Maxim Integrated Products 71M6521FE Datasheet HTML 22Page - Maxim Integrated Products 71M6521FE Datasheet HTML 23Page - Maxim Integrated Products 71M6521FE Datasheet HTML 24Page - Maxim Integrated Products 71M6521FE Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
71M6521DE/DH/FE Data Sheet
Rev 2
Page: 21 of 107
Accumulator (ACC, A): ACC is the accumulator register. Most instructions use the accumulator to hold the
operand. The mnemonics for accumulator-specific instructions refer to accumulator as “A”, not ACC.
B Register: The B register is used during multiply and divide instructions. It can also be used as a scratch-pad
register to hold temporary data.
Program Status Word (PSW):
MSB
LSB
CV
AC
F0
RS1
RS
OV
-
P
Table 9: PSW Register Flags
Bit
Symbol
Function
PSW.7
CV
Carry flag
PSW.6
AC
Auxiliary Carry flag for BCD operations
PSW.5
F0
General purpose Flag 0 available for user.
F0 is not to be confused with the F0 flag in the CE STATUS register.
PSW.4
RS1
Register bank select control bits. The contents of RS1 and RS0 select the working
register bank:
RS1/RS0
Bank selected
Location
00
Bank 0
(0x00 – 0x07)
01
Bank 1
(0x08 – 0x0F)
10
Bank 2
(0x10 – 0x17)
11
Bank 3
(0x18 – 0x1F)
PSW.3
RS0
PSW.2
OV
Overflow flag
PSW.1
-
User defined flag
PSW.0
P
Parity flag, affected by hardware to indicate odd / even number of “one” bits in the
Accumulator, i.e. even parity.
Table 10: PSW Bit Functions
Stack Pointer (SP): The stack pointer is a 1-byte register initialized to 0x07 after reset. This register is incremented
before PUSH and CALL instructions, causing the stack to begin at location 0x08.
Data Pointer: The data pointer (DPTR) is 2 bytes wide. The lower part is DPL, and the highest is DPH. It can be
loaded as two registers (e.g. MOV DPL,#data8). It is generally used to access external code or data space (e.g.
MOVC A,@A+DPTR or MOVX A,@DPTR respectively).
Program Counter: The program counter (PC) is 2 bytes wide initialized to 0x0000 after reset. This register is
incremented when fetching operation code or when operating on data from program memory.
Port Registers: The I/O ports are controlled by Special Function Registers P0, P1, and P2. The contents of the SFR
can be observed on corresponding pins on the chip. Writing a ‘1’ to any of the ports (see Table 11) causes the
corresponding pin to be at high level (V3P3), and writing a ‘0’ causes the corresponding pin to be held at low level
(GND). The data direction registers DIR0, DIR1, and DIR2 define individual pins as input or output pins (see section
Digital I/O for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com