Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX11040K Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11040K
Description  24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040K Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11040K Datasheet HTML 17Page - Maxim Integrated Products MAX11040K Datasheet HTML 18Page - Maxim Integrated Products MAX11040K Datasheet HTML 19Page - Maxim Integrated Products MAX11040K Datasheet HTML 20Page - Maxim Integrated Products MAX11040K Datasheet HTML 21Page - Maxim Integrated Products MAX11040K Datasheet HTML 22Page - Maxim Integrated Products MAX11040K Datasheet HTML 23Page - Maxim Integrated Products MAX11040K Datasheet HTML 24Page - Maxim Integrated Products MAX11040K Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
24-/16-Bit, 4-Channel, Simultaneous-Sampling,
Cascadable, Sigma-Delta ADCs
______________________________________________________________________________________
21
Data Rate Control Register
The Data Rate Control register controls the output data
period, which corresponds to the output data rate of
the ADC. The data period is controlled by both a
coarse (FSAMPC[2:0]) and a fine (FSAMPF[10:0])
adjustment (see Table 8).
The final data rate is derived by dividing the XIN clock
frequency by a divider value. The divider value is a
function of FSAMPC[2:0] and FSAMPF[10:0]:
Data Rate = fXINCLOCK/Divider
Divider = Coarse Cycle Factor x 384 + Fine Cycle
Factor x FSAMPF[10:0]
Note: Fractional results for the divider are rounded
down to the nearest integer. Coarse cycle factor and
fine cycle factor come from Table 8. The effect of
FSAMPF[10:0] in the formula has limitations as noted in
the table.
Examples of output data rate vs. FSAMPC[2:0] and
FSAMPF[10:0] are shown in Table 9. Table 10 shows
typical device performance for various data rate settings.
CS
DIN
SCLK
DOUT
CASCOUT0
(CASCIN0 = 0)
DRDYOUT0
(DRDYIN0 = 0)
DRDYOUT1
CASCOUT1
DEVICE 0 DATA READY
DEVICE 0 AND DEVICE 1 DATA READY
24 CYCLES
CHANNEL 0
DEVICE 0
CHANNEL 1
DEVICE 0
CHANNEL 2
DEVICE 0
CHANNEL 3
DEVICE 0
CHANNEL 0
DEVICE 1
CHANNEL 1
DEVICE 1
CHANNEL 2
DEVICE 1
CHANNEL 3
DEVICE 1
24 CYCLES
24 CYCLES
24 CYCLES
24 CYCLES
24 CYCLES
24 CYCLES
24 CYCLES
DEVICE 1 TAKES OVER SPI BUS
Figure 11. 192-Bit Data Read Operation Diagram for Two Cascaded Devices
Table 7. Data Register (MAX11060) (continued)
BIT
NAME
DESCRIPTION
[31:29]
000
—
[28:26]
IC[2:0]
Device address tag. IC[2:0] starts with 000 for the device nearest the master.
[25:24]
10
Channel 2 address tag = 10
[23:8]
CH3DATA[15:0]
Channel 3 16-bit conversion result (two’s complement)
[7:5]
000
—
[4:2]
IC[2:0]
Device address tag. IC[2:0] starts with 000 for the device nearest the master.
[1:0]
11
Channel 3 address tag = 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com