Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIC413 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIC413
Description  microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIC413 Datasheet HTML 5Page - Vishay Siliconix SIC413 Datasheet HTML 6Page - Vishay Siliconix SIC413 Datasheet HTML 7Page - Vishay Siliconix SIC413 Datasheet HTML 8Page - Vishay Siliconix SIC413 Datasheet HTML 9Page - Vishay Siliconix SIC413 Datasheet HTML 10Page - Vishay Siliconix SIC413 Datasheet HTML 11Page - Vishay Siliconix SIC413 Datasheet HTML 12Page - Vishay Siliconix SIC413 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Vishay Siliconix
SiC413
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
www.vishay.com
9
APPLICATION NOTES
Inductor Selection
The inductor is one of the energy storage components in
a converter. Choosing an inductor means specifying its
size, structure, material, inductance, saturation level,
DC-resistance (DCR), and core loss. Fortunately, there are
many inductor vendors that offer wide selections with ample
specifications and test data, such as Vishay Dale.
The following are some key parameters that users should
focus on. In PWM mode, inductance has a direct impact on
the ripple current. Assuming 100 % efficiency, the steady
state peak-to-peak inductor (L) ripple current (IPP) can be
calculated as
where f = switching frequency.
Higher inductance means lower ripple current, lower rms
current, lower voltage ripple on both input and output, and
higher efficiency, unless the resistive loss of the inductor
dominates the overall conduction loss. However, higher
inductance also means a bigger inductor size and a slower
response to transients. For fixed line and load conditions,
higher inductance results in a lower peak current for each
pulse, a lower load capability, and a higher switching
frequency. The saturation level is another important
parameter in choosing inductors. Note that the saturation
levels specified in data sheets are maximum currents. For a
dc-to-dc converter operating in PWM mode, it is the
maximum peak inductor (IPK) current that is relevant, and
can be calculated using these equations:
where IO = output current.
This peak current varies with inductance tolerance and other
errors,
and
the
rated
saturation
level
varies
over
temperature. So a sufficient design margin is required when
choosing current ratings. A high-frequency core material,
such as ferrite, should be chosen, the core loss could lead to
serious efficiency penalties. The DCR should be kept as low
as possible to reduce conduction losses.
Input Capacitor Selection
To minimize input voltage ripple caused by the step-down
conversion, and interference of large voltage spikes from
other circuits, a low-ESR input capacitor is required to filter
the input voltage. The input capacitor should be rated for the
maximum RMS input current of:
It is common practice to rate for the worst-case RMS ripple
that occurs when the duty cycle is at 50 %:
Output Capacitor Selection
The output capacitor affects output voltage ripple due to
2 reasons: the capacitance and the effective series
resistance (ESR). The selection of the output capacitor is
primarily determined by the capacitor ESR required
minimizing voltage ripple and current ripple. The relationship
between output ripple
ΔV
O, capacitance CO and its ESR is:
Multiple capacitors placed in parallel may be needed to meet
the ESR requirements. However if the ESR is too low it may
cause stability problems.
Control Loop Design
The SiC413CB is an integrated voltage mode buck
converter. The loop stability depends on input and output
voltage, output LC filter, the equivalent lumped capacitance,
resistance and inductance attached to the output voltage rail
beyond the LC filter. The output LC filter creates a two pole
roll-off of the loop gain that makes the closed loop system
inherently unstable. Therefore, a compensation network of
poles
and
zeros
must
be
implemented
to
achieve
unconditional stability.
Figure 4 shows a simplified diagram of the SiC413CB buck
converter control loop and the external elements that affect
loop gain, phase shift and stability. In this diagram L1, C4
and C5 and R6 form a first order model of low pass filter.
Resistor R6 represents the effective series resistance (ESR)
of C5, which is often the case of a polymer (tantalum)
capacitor. Ceramic (MLCC) capacitors are also used as
denoted by C4, which has near zero ESR. To balance the
performance and cost, the recommended output capacitor
configuration is a combination of low cost, high capacitance
polymer capacitors (C5) with ESR (R6) to add a zero to help
boost phase margin and MLCC capacitors (C4) that have low
ESR for achieving low voltage ripple. In practice, the lumped
equivalent capacitance at the output of the filter may be a
combination of many different kinds of capacitors. The
characteristics of these capacitors must be considered when
deriving the open loop transfer function and designing the
loop compensation. It is important to have a good
approximation
of
the
lumped
impedance
(capacitors,
resistors, ferrite beads,
π filters, etc.) tied to the rail before
calculating compensation network component values.
Resistor R1 and R2 form the feedback voltage divider that
samples the DC output and applies a feedback signal to the
FB pin.
Components C1, C2, C3, R4, R5 and the
transconductance
error
amplifier
form
the
loop
compensation network. With voltage mode control loop the
()
f
L
V
V
V
V
I
IN
O
IN
O
PP
.
.
-
.
=
2
PP
O
PK
I
I
I+
=
)
( -
=
IN
O
IN
O
MAX
O.
RMS
V
V
V
V
I
I1
2
.MAX.
O
RMS
I
I=
)
(
.
.
+
.
=
Δ
O
PP
O
C
f
ESR
I
V
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com