Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIP11205 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP11205
Description  Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11205 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP11205 Datasheet HTML 1Page - Vishay Siliconix SIP11205 Datasheet HTML 2Page - Vishay Siliconix SIP11205 Datasheet HTML 3Page - Vishay Siliconix SIP11205 Datasheet HTML 4Page - Vishay Siliconix SIP11205 Datasheet HTML 5Page - Vishay Siliconix SIP11205 Datasheet HTML 6Page - Vishay Siliconix SIP11205 Datasheet HTML 7Page - Vishay Siliconix SIP11205 Datasheet HTML 8Page - Vishay Siliconix SIP11205 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.vishay.com
2
Document Number: 69233
S-81795-Rev. C, 04-Aug-08
Vishay Siliconix
SiP11205
TECHNICAL DESCRIPTION
SiP11205 is a feed-forward controller on the primary side of
a half-bridge intermediate bus converter. With 100 V
depletion mode MOSFET in the chip, the SiP11205 is
capable of being powered directly from the high voltage bus
to VCC through an external PNP pass transistor, or may be
powered by an external supply directly to the VCC pin.
Without the use of an external pass transistor, failure of the
converter output to power VCC above the VREG level will
result in over temperature protection activating hiccup
operation whenever the pre-regulator power dissipation
becomes excessive.
The external high- and low-side N-Channel power MOSFETs
are driven by a built-in driver with ± 1.6 A peak current
capability.
SiP11205
is
available
in
the
MLP44-16
PowerPAK® package and TSSOP-16 PowerPAK® package
and is specified over the ambient temperature range of
- 40 °C to 85 °C.
SIP11205 BLOCK DIAGRAM
Level
Shift
Pre Reg
Driver
Control
OSC
PWM Comp
+
-
Hi-side driver
Low-side driver
OTP
VIN
VCC
ROSC
VREF
PGND
SS
Ramp
BST
DH
LX
DL
UVLO
Over Current protection
CS
+
-
AGND
VINDET
VCC
0.13 V
COSC
IDSS
ISS
+
-
0.85 VSS
1.2 V+V INDET /2
Le
Le
EN
VREF
EN
EN
ISS
250 mV
+
-
IDSS
EN
IBIAS
DMAX
COMP
RDB
VREF
IBIAS
VSD
EN
0.200 V
EN
VINDET/2
+
-
VUV
VUV
BG
+
SS Comp
VREG
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com