Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87330Q3D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87330Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87330Q3D Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD87330Q3D Datasheet HTML 9Page - Texas Instruments CSD87330Q3D Datasheet HTML 10Page - Texas Instruments CSD87330Q3D Datasheet HTML 11Page - Texas Instruments CSD87330Q3D Datasheet HTML 12Page - Texas Instruments CSD87330Q3D Datasheet HTML 13Page - Texas Instruments CSD87330Q3D Datasheet HTML 14Page - Texas Instruments CSD87330Q3D Datasheet HTML 15Page - Texas Instruments CSD87330Q3D Datasheet HTML 16Page - Texas Instruments CSD87330Q3D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
CSD87330Q3D
www.ti.com
SLPS284B
– AUGUST 2011 – REVISED SEPTEMBER 2011
RECOMMENDED PCB DESIGN OVERVIEW
There are two key system-level parameters that can be addressed with a proper PCB design: Electrical and
Thermal performance. Properly optimizing the PCB layout will yield maximum performance in both areas. A brief
description on how to address each parameter is provided.
Electrical Performance
The Power Block has the ability to switch voltages at rates greater than 10kV/
µs. Special care must be then
taken with the PCB layout design and placement of the input capacitors, Driver IC, and output inductor.
•
The placement of the input capacitors relative to the Power Block
’s VIN and PGND pins should have the
highest priority during the component placement routine. It is critical to minimize these node lengths. As such,
ceramic input capacitors need to be placed as close as possible to the VIN and PGND pins (see Figure 34).
The example in Figure 34 uses 6
× 10-µF ceramic capacitors (TDK Part # C3216X5R1C106KT or equivalent).
Notice there are ceramic capacitors on both sides of the board with an appropriate amount of vias
interconnecting both layers. In terms of priority of placement next to the Power Block, C5, C7, C19, and C8
should follow in order.
•
The Driver IC should be placed relatively close to the Power Block Gate pins. TG and BG should connect to
the outputs of the Driver IC. The TGR pin serves as the return path of the high-side gate drive circuitry and
should be connected to the Phase pin of the IC (sometimes called LX, LL, SW, PH, etc.). The bootstrap
capacitor for the Driver IC will also connect to this pin.
•
The switching node of the output inductor should be placed relatively close to the Power Block VSW pins.
Minimizing the node length between these two components will reduce the PCB conduction losses and
actually reduce the switching noise level. In the event the switch node waveform exhibits ringing that reaches
undesirable levels, the use of a Boost Resistor or RC snubber can be an effective way to easily reduce the
peak ring level. The recommended Boost Resistor value will range between 1.0 Ohms to 4.7 Ohms
depending on the output characteristics of Driver IC used in conjunction with the Power Block. The RC
snubber values can range from 0.5 Ohms to 2.2 Ohms for the R and 330pF to 2200pF for the C. Please refer
to TI App Note SLUP100 for more details on how to properly tune the RC snubber values. The RC snubber
should be placed as close as possible to the Vsw node and PGND see Figure 34(1)
(1)
Keong W. Kam, David Pommerenke,
“EMI Analysis Methods for Synchronous Buck Converter EMI Root Cause Analysis”, University of
Missouri
– Rolla
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com