Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCP54BCP56 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BCP54BCP56
Description  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP54BCP56 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BCP54BCP56 Datasheet HTML 1Page - Siemens Semiconductor Group BCP54BCP56 Datasheet HTML 2Page - Siemens Semiconductor Group BCP54BCP56 Datasheet HTML 3Page - Siemens Semiconductor Group BCP54BCP56 Datasheet HTML 4Page - Siemens Semiconductor Group BCP54BCP56 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BCP 54
... BCP 56
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BCP 54
BCP 55
BCP 56
V(BR)CE0
45
60
80
–
–
–
–
–
–
nA
µA
Collector-base cutoff current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 150 ˚C
ICB0
–
–
–
–
100
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage1)
IC = 100
µA, IB = 0
BCP 54
BCP 55
BCP 56
V(BR)CB0
45
60
100
–
–
–
–
–
–
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
–
–
0.5
–
DC current gain
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V
BCP 54/BCP 55/BCP 56
BCP 54/BCP 55/BCP 56-10
BCP 54/BCP 55/BCP 56-16
IC = 500 mA, VCE = 2 V
hFE
25
40
63
100
25
–
–
100
160
–
–
250
160
250
–
Base-emitter voltage1)
IC = 500 mA, VCE = 2 V
VBE
––1
µA
Emitter-base cutoff current
VEB = 5 V
IEB0
––10
MHz
Transition frequency
IC = 50 mA, VCE = 10 V, f = 100 MHz
fT
–
100
–
AC characteristics
1)
Pulse test conditions: t
≤ 300 µs, D = 2 %.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com