Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC1258OASP Datasheet(PDF) 1 Page - E-SWITCH

Part # LC1258OASP
Description  PUSHBUTTON SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LC1258OASP Datasheet(HTML) 1 Page - E-SWITCH

  LC1258OASP Datasheet HTML 1Page - E-SWITCH LC1258OASP Datasheet HTML 2Page - E-SWITCH LC1258OASP Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
54
Specifications subject to change without notice.
SERIES
1257
1258
2251
2254
2255
2256
2258
2259
2262
MODEL NO.
LC
Example Ordering Number
LC_ 1257_ EE_ N_ P
PUSHBUTTON SWITCHES
SPECIFICATIONS
Contact Rating:
300mA @ 30 VDC
Life Expectancy:
10,000 cycles typical
Contact Resistance:
20mΩ max. initial @ 2-4 VDC, 100mA
Insulation Resistance:
100MΩ min.
Dielectric Strength:
1,000 V rms @ sea level
Actuation Force:
Dependent upon model number
Operating Temperature: -20° to + 85°C
MATERIALS
Housing:
Tin over Steel
Actuator:
Acetal
Terminal Base:
Phenolic
Spring:
Spring steel
Terminals:
Silver over brass
Contacts:
Silver over phosphor bronze
HOW TO ORDER
FEATURES & BENEFITS
Latching & momentary functions
Shorting or non-shorting versions
Variety of housing styles available
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems
SERIES LC SWITCHES
MECHANICAL
CONFIGURATION
EE = Latching
OA = Momentary
N = Non-shorting
S = Shorting
TIMING
TERMINATION
P = PC Pin
Model No.
Actuation Force
1257
230 ± 100 gf
1258
230 ± 100 gf
2251
330 ± 100 gf
2254
300 ± 150 gf
2255
300 ± 150 gf
2256
300 ± 150 gf
2258
330 ± 100 gf
2259
330 ± 100 gf
2262
200 ± 100 gf
ACTUATION OPTIONS


Similar Part No. - LC1258OASP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC12 MICROSEMI-LC12 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC12 MICROSEMI-LC12 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC12 MICROSEMI-LC12 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC12 NJSEMI-LC12 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC120 MICROSEMI-LC120 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
More results

Similar Description - LC1258OASP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com