| Electronic Components Datasheet Search |
|
LP16OA1ASBBN Datasheet(PDF) 1 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
LP16OA1ASBBN Datasheet(HTML) 1 Page - E-SWITCH |
|
1 / 2 page ![]() www.e-switch.com 800.867.2717 RoHS 1 SPECIFICATIONS PART NUMBER CONFIGURATOR FEATURES & BENEFITS Audio / Visual Computer Peripherals Networking Telecommunication Instrumentation APPLICATIONS / MARKETS LP16 SERIES LP16 OA 1 - SPST A - 12.2mm Sq. B - 14.6mm Sq. S - Sculptured T - Transparent* R - Red G - Green B - Blue Y - Yellow W - White R - Red G - Green B - Blue Y - Yellow T - Transparent** N - No LED R - Red G - Green Y - Yellow B - Blue Series Function Stye Circuit Cap Size Cap Configuration Cap Color Diffuser Color LED Color Options Electrical Rating: 100mA, 20VDC Life Expectancy: 50,000,000 Cycles Contact Resistance: 150mΩ Max. Insulation Resistance: 10MΩ Min. at 500VDC Dielectric Strength: 500VAC for 1 Minute Operating Temperature: -5°C to 60°C Operating Force: 250gf ± 50gf Total Travel: 3.3mm ± 0.3mm Functions: SPST, Off-(On) Specifications subject to change without notice * Always used when a diffuser color is defined ** Always used when a cap color is defined • 50,000,000 cycle life expectancy • Long 3.3mm travel • Illumination options • 2 cap sizes • Price competitive |
Similar Part No. - LP16OA1ASBBN |
|
Similar Description - LP16OA1ASBBN |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |