Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL3302AF260QJ Datasheet(PDF) 1 Page - E-SWITCH

Part # TL3302AF260QJ
Description  TACT SWITCHES SMT - RECTANGULAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL3302AF260QJ Datasheet(HTML) 1 Page - E-SWITCH

  TL3302AF260QJ Datasheet HTML 1Page - E-SWITCH TL3302AF260QJ Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
info@e-switch.com
15
Specifications subject to change without notice.
Example Ordering Number
TL _ 3302_ A_ F180_ Q _G
SPECIFICATIONS
Contact Rating:
50mA @ 12 VDC
Life Expectancy:
20,000 - 50,000 cycles, depending on model
Contact Resistance:
100mΩ max., typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
100MΩ min.
Dielectric Strength:
250 VAC
Actuation Force:
130 ± 50 gf, 180 ± 50 gf, 260 ± 50 gf
Operating Temperature: -20°C to 70°C
Travel:
0.25 Typ.
MATERIALS
Housing:
PPS
Actuator:
PPS
Cover:
Tin plated steel
Contacts:
Silver plated phosphor bronze
Terminals:
Silver plated brass
SERIES TL 3302 SWITCHES
TACT SWITCHES SMT - RECTANGULAR
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
ACTUATOR
("L" Dimension)
3302
F130
F180
F260
Q = Silver
G = Gull Wing
J = J-Lead
MODEL NO.
TL
HOW TO ORDER
A= 4.3mm
B = 5.0mm
TL
TERMINATION
FEATURES & BENEFITS
3.5 x 6mm packaged design
Reliable dome contact technology
Strong tactile/audible feedback
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals


Similar Part No. - TL3302AF260QJ

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3302AF260QJ E-SWITCH-TL3302AF260QJ Datasheet
726Kb / 2P
TACT SWITCHES SMT - RECTANGULAR
TL3302AF260QJ. E-SWITCH-TL3302AF260QJ. Datasheet
726Kb / 2P
TACT SWITCHES SMT - RECTANGULAR
More results

Similar Description - TL3302AF260QJ

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
901 E-SWITCH-901 Datasheet
122Kb / 1P
TACT SWITCHES SMT
TL1107 E-SWITCH-TL1107_1 Datasheet
375Kb / 2P
TACT SWITCHES - Rectangular
TL3340 E-SWITCH-TL3340 Datasheet
186Kb / 1P
TACT SWITCHES SMT - SUBMINIATURE
TL3342 E-SWITCH-TL3342 Datasheet
150Kb / 1P
TACT SWITCHES SMT
TL3342F160QG E-SWITCH-TL3342F160QG Datasheet
1Mb / 2P
TACT SWITCHES SMT
logo
Adam Technologies, Inc.
SW-C-1P1C-VT-SMT-73-06 ADAM-TECH-SW-C-1P1C-VT-SMT-73-06 Datasheet
81Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VG-SMT-16-07-X ADAM-TECH-SW-C-1P1T-VG-SMT-16-07-X Datasheet
78Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VT-SMT-25-04 ADAM-TECH-SW-C-1P1T-VT-SMT-25-04 Datasheet
74Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VT-SMT-A11116 ADAM-TECH-SW-C-1P1T-VT-SMT-A11116 Datasheet
70Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-RA-H1185-X ADAM-TECH-SW-C-RA-H1185-X Datasheet
84Kb / 1P
TACT SWITCHES SMT TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com