Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q16DWZPIP Datasheet(PDF) 21 Page - Winbond

Part # W25Q16DWZPIP
Description  1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DWZPIP Datasheet(HTML) 21 Page - Winbond

Back Button W25Q16DWZPIP Datasheet HTML 17Page - Winbond W25Q16DWZPIP Datasheet HTML 18Page - Winbond W25Q16DWZPIP Datasheet HTML 19Page - Winbond W25Q16DWZPIP Datasheet HTML 20Page - Winbond W25Q16DWZPIP Datasheet HTML 21Page - Winbond W25Q16DWZPIP Datasheet HTML 22Page - Winbond W25Q16DWZPIP Datasheet HTML 23Page - Winbond W25Q16DWZPIP Datasheet HTML 24Page - Winbond W25Q16DWZPIP Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
W25Q16DW
Publication Release Date: April 01, 2011
- 21 -
Preliminary - Revision A
10.2.5 Instruction Set Table 4 (QPI Instructions)(14)
INSTRUCTION NAME
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
CLOCK NUMBER
(0 , 1)
(2 , 3)
(4 , 5)
(6 , 7)
(8 , 9)
(10 , 11)
Write Enable
06h
Volatile SR Write Enable
50h
Write Disable
04h
Read Status Register-1
05h
(S7-S0)
(2)
Read Status Register-2
35h
(S15-S8)
(2)
Write Status Register
01h
(S7-S0)
(S15-S8)
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
(9)
D7-D0
(3)
Sector Erase (4KB)
20h
A23-A16
A15-A8
A7-A0
Block Erase (32KB)
52h
A23-A16
A15-A8
A7-A0
Block Erase (64KB)
D8h
A23-A16
A15-A8
A7-A0
Chip Erase
C7h/60h
Erase / Program Suspend
75h
Erase / Program Resume
7Ah
Power-down
B9h
Set Read Parameters
C0h
P7-P0
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(15)
(D7-D0)
Burst Read with Wrap
(16)
0Ch
A23-A16
A15-A8
A7-A0
dummy
(15)
(D7-D0)
Fast Read Quad I/O
EBh
A23-A16
A15-A8
A7-A0
M7-M0
(15)
(D7-D0)
Release Powerdown / ID
(4)
ABh
dummy
dummy
dummy
(ID7-ID0)
(2)
Manufacturer/Device ID
(4)
90h
dummy
dummy
00h
(MF7-MF0)
(ID7-ID0)
JEDEC ID
(4)
9Fh
(MF7-MF0)
Manufacturer
(ID15-ID8)
Memory Type
(ID7-ID0)
Capacity
Disable QPI
FFh
Enable Reset
66h
Reset
99h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com