Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q40BLSNIP Datasheet(PDF) 13 Page - Winbond

Part # W25Q40BLSNIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSNIP Datasheet(HTML) 13 Page - Winbond

Back Button W25Q40BLSNIP Datasheet HTML 9Page - Winbond W25Q40BLSNIP Datasheet HTML 10Page - Winbond W25Q40BLSNIP Datasheet HTML 11Page - Winbond W25Q40BLSNIP Datasheet HTML 12Page - Winbond W25Q40BLSNIP Datasheet HTML 13Page - Winbond W25Q40BLSNIP Datasheet HTML 14Page - Winbond W25Q40BLSNIP Datasheet HTML 15Page - Winbond W25Q40BLSNIP Datasheet HTML 16Page - Winbond W25Q40BLSNIP Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
W25Q40BL
Publication Release Date: July 08, 2010
- 13 -
Preliminary - Revision B
8.1.10 Quad Enable (QE)
The Quad Enable (QE) bit is a non-volatile read/write bit in the status register (S9) that allows Quad SPI
operation. When the QE bit is set to a 0 state (factory default), the /WP pin and /HOLD are enabled.
When the QE bit is set to a 1, the Quad IO2 and IO3 pins are enabled, and /WP and /HOLD functions are
disabled.
WARNING: If the /WP or /HOLD pins are tied directly to the power supply or ground during
standard SPI or Dual SPI operation, the QE bit should never be set to a 1.
S7
S6
S5
S4
S3
S2
S1
S0
SRP0 SEC
TB
BP2
BP1
BP0
WEL BUSY
STATUS REGISTER PROTECT 0
(non-volatile)
SECTOR PROTECT
(non-volatile)
TOP/BOTTOM PROTECT
(non-volatile)
BLOCK PROTECT BITS
(non-volatile)
WRITE ENABLE LATCH
ERASE/WRITE IN PROGRESS
S7
S6
S5
S4
S3
S2
S1
S0
SRP0 SEC
TB
BP2
BP1
BP0
WEL BUSY
STATUS REGISTER PROTECT 0
(non-volatile)
SECTOR PROTECT
(non-volatile)
TOP/BOTTOM PROTECT
(non-volatile)
BLOCK PROTECT BITS
(non-volatile)
WRITE ENABLE LATCH
ERASE/WRITE IN PROGRESS
Figure 3a. Status Register-1
S15
S14
S13
S12
S11
S10
S9
S8
SUS
CMP
LB3
LB2
LB1
(R)
QE
SRP1
SUSPEND STATUS
COMPLEMENT PROTECT
(non-volatile)
SECURITY REGISTER LOCK BITS
(non-volatile OTP)
QUAD ENABLE
(non-volatile)
STATUS REGISTER PROTECT 1
(non-volatile)
RESERVED
S15
S14
S13
S12
S11
S10
S9
S8
SUS
CMP
LB3
LB2
LB1
(R)
QE
SRP1
SUSPEND STATUS
COMPLEMENT PROTECT
(non-volatile)
SECURITY REGISTER LOCK BITS
(non-volatile OTP)
QUAD ENABLE
(non-volatile)
STATUS REGISTER PROTECT 1
(non-volatile)
RESERVED
Figure 3b. Status Register-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com