Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC4350 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 12Page - NXP Semiconductors LPC4350 Datasheet HTML 13Page - NXP Semiconductors LPC4350 Datasheet HTML 14Page - NXP Semiconductors LPC4350 Datasheet HTML 15Page - NXP Semiconductors LPC4350 Datasheet HTML 16Page - NXP Semiconductors LPC4350 Datasheet HTML 17Page - NXP Semiconductors LPC4350 Datasheet HTML 18Page - NXP Semiconductors LPC4350 Datasheet HTML 19Page - NXP Semiconductors LPC4350 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
16 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P2_1
N15
x
G7
116 81
54
[3]
I; PU I/O
SGPIO5 — General purpose digital input/output pin.
I
U0_RXD — Receiver input for USART0.
I/O
EMC_A12 — External memory address line 12.
O
USB0_PWR_FAULT — Port power fault signal
indicating overcurrent condition; this signal monitors
over-current on the USB bus (external circuitry
required to detect over-current condition).
I/O
GPIO5[1] — General purpose digital input/output pin.
-
R — Function reserved.
I
T3_CAP1 — Capture input 1 of timer 3.
-
R — Function reserved.
P2_2
M15
x
F5
121 84
56
[3]
I; PU I/O
SGPIO6 — General purpose digital input/output pin.
I/O
U0_UCLK — Serial clock input/output for USART0 in
synchronous mode.
I/O
EMC_A11 — External memory address line 11.
O
USB0_IND1 — USB0 port indicator LED control
output 1.
I/O
GPIO5[2] — General purpose digital input/output pin.
I
CTIN_6 — SCT input 6. Capture input 1 of timer 3.
I
T3_CAP2 — Capture input 2 of timer 3.
-
R — Function reserved.
P2_3
J12
x
D8
127 87
57
[4]
I; PU I/O
SGPIO12 — General purpose digital input/output pin.
I/O
I2C1_SDA — I2C1 data input/output (this pin does
not use a specialized I2C pad).
O
U3_TXD — Transmitter output for USART3.
I
CTIN_1 — SCT input 1. Capture input 1 of timer 0.
Capture input 1 of timer 2.
I/O
GPIO5[3] — General purpose digital input/output pin.
-
R — Function reserved.
O
T3_MAT0 — Match output 0 of timer 3.
O
USB0_PPWR — VBUS drive signal (towards external
charge pump or power management unit); indicates
that VBUS must be driven (active HIGH).
Add a pull-down resistor to disable the power switch
at reset. This signal has opposite polarity compared
to the USB_PPWR used on other NXP LPC parts.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com