Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMN3R5-30LL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN3R5-30LL
Description  N-channel DFN3333-8 30 V 3.6 m廓 logic level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R5-30LL Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN3R5-30LL Datasheet HTML 1Page - NXP Semiconductors PSMN3R5-30LL Datasheet HTML 2Page - NXP Semiconductors PSMN3R5-30LL Datasheet HTML 3Page - NXP Semiconductors PSMN3R5-30LL Datasheet HTML 4Page - NXP Semiconductors PSMN3R5-30LL Datasheet HTML 5Page - NXP Semiconductors PSMN3R5-30LL Datasheet HTML 6Page - NXP Semiconductors PSMN3R5-30LL Datasheet HTML 7Page - NXP Semiconductors PSMN3R5-30LL Datasheet HTML 8Page - NXP Semiconductors PSMN3R5-30LL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PSMN3R5-30LL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 12 December 2011
2 of 15
NXP Semiconductors
PSMN3R5-30LL
N-channel DFN3333-8 30 V 3.6 m
Ω logic level MOSFET
2.
Pinning information
3.
Ordering information
QG(tot)
total gate charge
VGS =4.5 V; ID =15A; VDS =15 V;
see Figure 14; see Figure 15
-18
-nC
VGS =10V; ID =15A; VDS =15V;
see Figure 14; see Figure 15
-37
-nC
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS =10V; Tj(init) =25°C;
ID =40A; Vsup ≤ 30 V; unclamped;
RGS =50 Ω
--118
mJ
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT873-1 (DFN3333-8)
2S
source
3S
source
4
G
gate
5,6,7,8
D
drain
mb
D
mounting base; connected to drain
1 234
8 765
Transparent
top view
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN3R5-30LL
DFN3333-8
plastic thermal enhanced very thin small outline package; no
leads; 8 terminals
SOT873-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com