Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD4933 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Datasheet(HTML) 1 Page - STMicroelectronics

  SD4933 Datasheet HTML 1Page - STMicroelectronics SD4933 Datasheet HTML 2Page - STMicroelectronics SD4933 Datasheet HTML 3Page - STMicroelectronics SD4933 Datasheet HTML 4Page - STMicroelectronics SD4933 Datasheet HTML 5Page - STMicroelectronics SD4933 Datasheet HTML 6Page - STMicroelectronics SD4933 Datasheet HTML 7Page - STMicroelectronics SD4933 Datasheet HTML 8Page - STMicroelectronics SD4933 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
August 2011
Doc ID 15487 Rev 6
1/19
19
SD4933
HF/VHF/UHF RF power N-channel MOSFET
Features
■ Improved ruggedness V(BR)DSS > 200 V
■ Excellent thermal stability
■ 20:1 all phases load mismatch capability
■ POUT = 300 W min. with 24 dB gain @ 30 MHz
■ In compliance with the 2002/95/EEC European
directive
Description
The SD4933 is an N-channel MOS field-effect RF
power transistor. It is intended for use in 50 V ISM
applications up to 100 MHz.
Figure 1.
Pin connection
M177
Epoxy sealed
1
3
4
2
1. Drain
2. Source
3. Gate
4. Source
5. Source
5
Table 1.
Device summary
Order code
Marking
Base qty.
Package
Packaging
SD4933
SD4933(1)
25 pcs
M177
Plastic tray
1.
For more details please refer to
Chapter 9: Marking, packing and shipping specifications..
www.st.com


Similar Part No. - SD4933

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4933MR STMICROELECTRONICS-SD4933MR Datasheet
667Kb / 20P
50 V moisture resistant DMOS transistor for ISM applications
22-May-2013
SD4933 STMICROELECTRONICS-SD4933_13 Datasheet
780Kb / 17P
HF/VHF/UHF RF power N-channel MOSFET
01-Jul-2013
More results

Similar Description - SD4933

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
09-Sep-2003
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
RF power transistors HF/VHF/UHF N-channel MOSFETs
30-Mar-2010
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
HF/VHF/UHF RF power N-channel MOSFETs
12-Jan-2012
SD4933 STMICROELECTRONICS-SD4933_13 Datasheet
780Kb / 17P
HF/VHF/UHF RF power N-channel MOSFET
01-Jul-2013
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
HF/VHF/UHF RF power N-channel MOSFETs
24-Aug-2011
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
HF/VHF/UHF RF power N-channel MOSFETs
27-Jan-2014
STAC3932B STMICROELECTRONICS-STAC3932B Datasheet
846Kb / 17P
HF/VHF/UHF RF power N-channel MOSFET
01-Jul-2013
STAC4932B STMICROELECTRONICS-STAC4932B_V01 Datasheet
299Kb / 13P
HF/VHF/UHF RF power N-channel MOSFET
09-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com