Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPS033100 Datasheet(PDF) 2 Page - CUI INC

Part # EPS033100
Description  SWITCHING POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPS033100 Datasheet(HTML) 2 Page - CUI INC

  EPS033100 Datasheet HTML 1Page - CUI INC EPS033100 Datasheet HTML 2Page - CUI INC EPS033100 Datasheet HTML 3Page - CUI INC EPS033100 Datasheet HTML 4Page - CUI INC EPS033100 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: 6 W wall plug │ DESCRIPTION: SWITCHING POWER SUPPLY
date
06/23/2011
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
100
132
Vac
frequency
47
63
Hz
input current
1A
inrush current
120 Vac, inrush lasts no longer than 0.5 ms before
settling to steady state current
40
A
no load power consumption
0.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
±1
%
load regulation
±5
%
temperature coefficient
0 ~ 40°C, full load, after initial 1 hour warm-up
±0.02
%/°C
start-up time
time needed to reach regulation
3
s
hold-up time
at 115 Vac, full load
10
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
clamped by internal protection zener
overload protection
Fold-back current limiting starts at 105 ~ 160% of the rated output current. Auto-recovery. Long term
exposure to overload condition may reduce product reliability.
short circuit protection
Continuous, auto-recovery upon removal of short
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 10 mA for 1 minute
3,000
Vac
isolation resistance
input to output at 500 Vdc
100
MΩ
safety approvals
UL/cUL 1310
EMI standard
FCC part 15 class B
leakage current
at 120 Vac
0.5
mA
class 2 power supply
yes
MTBF
at 25°C, per MIL-HDBK-217E
240,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
040
°C
storage temperature
-10
70
°C
operating humidity
20
80
%
storage humidity
10
90
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com