Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPS060100 Datasheet(PDF) 1 Page - CUI INC

Part # EPS060100
Description  SWITCHING POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPS060100 Datasheet(HTML) 1 Page - CUI INC

  EPS060100 Datasheet HTML 1Page - CUI INC EPS060100 Datasheet HTML 2Page - CUI INC EPS060100 Datasheet HTML 3Page - CUI INC EPS060100 Datasheet HTML 4Page - CUI INC EPS060100 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
06/23/2011
page
1 of 5
SERIES:
6 W wall plug
│ DESCRIPTION: SWITCHING POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple and
noise1
efficiency
level
nominal
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
EPS030100
3
1
3
100
IV
EPS033100
3.3
1
3.3
100
IV
EPS045100
4.5
1
4.5
100
V
EPS050100
5
1
5
100
V
EPS060100
6
1
6
100
V
EPS090066
9
0.66
6
100
V
EPS120050
12
0.5
6
150
V
EPS150040
15
0.4
6
150
V
EPS180033
18
0.33
6
180
V
EPS240025
24
0.25
6
240
IV
Notes:
1. At full load, 100 ~ 132 Vac input, 20 MHz bandwidth oscilloscope, each output terminated with 10 μF aluminum electrolytic and 0.1 μF ceramic capacitors.
PART NUMBER KEY
EPS030100 - PXXXX - CXX
DC Plug Type:
see output plug options
on page 4
Base Number
example of 3 Vdc, 1 A
Reserved for Custom
Configurations
FEATURES
•Up to 6 W power
•Compact size
•Single output from 3 ~ 24 V
•Overload, over voltage, and short circuit protections
•100 ~ 132 Vac input voltage
•meets EISA / efficiency level IV regulations
•custom designs available
RoHS
U
®
C
L US


Similar Part No. - EPS060100

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPS060100 CUI-EPS060100 Datasheet
152Kb / 4P
SWITCHING POWER SUPPLY
EPS060100 CUI-EPS060100 Datasheet
450Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - EPS060100

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com