Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VMS-160-5 Datasheet(PDF) 2 Page - CUI INC

Part # VMS-160-5
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VMS-160-5 Datasheet(HTML) 2 Page - CUI INC

  VMS-160-5_11 Datasheet HTML 1Page - CUI INC VMS-160-5_11 Datasheet HTML 2Page - CUI INC VMS-160-5_11 Datasheet HTML 3Page - CUI INC VMS-160-5_11 Datasheet HTML 4Page - CUI INC VMS-160-5_11 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VMS-160 │ DESCRIPTION: AC-DC POWER SUPPLY
date
07/27/2011 │ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
125
264
373
Vac
Vdc
frequency
47
63
Hz
current
at 100 Vac, cold start
at 200 Vac, cold start
2.5
1.25
A
A
inrush current
at 230 Vac, full load, cold start
power factor
measured at full load and 115 Vac/60 Hz and
0.85
230 Vac/50 Hz input source input will be less than
0.25Ω, compliant to EN61000-3-2 for harmonic currents
0.98
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
low line to high line
±1
%
load regulation
all other outputs
12 V aux. output
±1
±20
%
%
temperature coefficient
0.25
mV/°C
transient response
25% I
max to Imax , 0.1 A/μs slew rate, ±5% max. deviation, 1 ms recovery
start-up time
1s
rise time
0.2
20
ms
hold-up time
16
ms
adjustability
±5
%
fan drive
12 Vdc / 500 mA for external fan
PROTECTION
parameter
conditions/description
min
typ
max
units
over voltage protection
130
%
over current protection
automatically recovers
150
%
short circuit protection
auto recovery with no damage from a short on any
output
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
primary to secondary (for 1 second):
primary to earth ground (for 1 second):
5,656
5,656
Vdc
Vdc
safety approvals
UL 60950-1/60601-1, NEMKO EN60950-1/EN60601-1, CE
EMI/EMC
EN55022:1998 (CISPR 22 class A conducted), EN61000-3-2: 2000, EN61000-3-3: A1:2001,
EN55024 (IEC61000-4-2: 1995, IEC61000-4-3: 1995, IEC61000-4-4: 1995, IEC61000-4-5: 1995,
IEC61000-4-6: 1996, IEC61000-4-11: 1994)
leakage current
measured per IEC 60950-1, paragraph 5.1,
test voltage of 120 Vac/60 Hz
0.275
mA
RoHS compliant
yes
MTBF
with 400 LFM forced air, MIL-HDBK-217E-1, 75%
of rated full load, 25°C ambient
200,000
hrs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com