Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3N79 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 3N79
Description  NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

3N79 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  3N79 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 3N79

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N70 UTC-3N70 Datasheet
273Kb / 7P
3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
248Kb / 7P
3A, 700V N-CHANNEL POWER MOSFET
3N70A UTC-3N70A Datasheet
266Kb / 7P
700V, 3A N-CHANNEL POWER MOSFET
3N70AG-TN3-R UTC-3N70AG-TN3-R Datasheet
266Kb / 7P
700V, 3A N-CHANNEL POWER MOSFET
3N70AL-TN3-R UTC-3N70AL-TN3-R Datasheet
266Kb / 7P
700V, 3A N-CHANNEL POWER MOSFET
More results

Similar Description - 3N79

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDE12400 ETC1-EDE12400 Datasheet
591Kb / 8P
BI-POLAR CHOPPER STEPPER MOTOR CONTROL MODULE
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
Bi-Polar/ non-polar 2000 hrs
logo
Jiangsu Changjiang Elec...
EMY1 JIANGSU-EMY1 Datasheet
754Kb / 4P
Dual Transistors (PNPNPN)
EMZ1 JIANGSU-EMZ1 Datasheet
814Kb / 4P
Dual Transistors (NPNPNP)
EMF5 JIANGSU-EMF5 Datasheet
798Kb / 4P
Dual Transistors (PNPNPN)
UMY1N JIANGSU-UMY1N Datasheet
619Kb / 4P
Dual Transistors (PNPNPN)
EMF23 JIANGSU-EMF23 Datasheet
4Mb / 4P
Dual Transistors (PNPNPN)
logo
Illinois Capacitor, Inc...
227CKE010M ILLINOISCAPACITOR-227CKE010M Datasheet
135Kb / 1P
Radial lead BI-POLAR / NON-POLAR
227CKE100M ILLINOISCAPACITOR-227CKE100M Datasheet
135Kb / 1P
Radial lead BI-POLAR / NON-POLAR
logo
First Silicon Co., Ltd
EMZ1 FS-EMZ1 Datasheet
579Kb / 4P
Dual NPNPNP transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com