Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3437 Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC3437
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC3437 Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SC3437 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSISTOR (NPN)
FEATURES
 High Transition Frequency
 Low Saturation Voltage
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
200
mA
PC
Collector Power Dissipation
150
mW
RΘJA
Thermal Resistance From Junction To Ambient
833
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
15
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
µA
hFE(1)
VCE=1V, IC=10mA
40
240
DC current gain
hFE(2)
VCE=1V, IC=100mA
20
Collector-emitter saturation voltage
VCE(sat)
IC=20mA, IB=1mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=20mA, IB=1mA
1
V
Transition frequency
fT
VCE=10V,IC=10mA
200
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
6
pF
CLASSIFICATION OF hFE(1)
RANK
R
O
Y
RANGE
40–80
70–140
120–240
MARKING
CHR
CHO
CHY
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
2SC3437
1 
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 2SC3437

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3437 TOSHIBA-2SC3437 Datasheet
160Kb / 4P
NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
17-Dec-1998
2SC3437 TOSHIBA-2SC3437 Datasheet
391Kb / 5P
Silicon NPN Epitaxial Type (PCT process) Ultra High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC3437 KEXIN-2SC3437 Datasheet
41Kb / 2P
Silicon NPN Epitaxial
logo
Jiangsu Changjiang Elec...
2SC3437 JIANGSU-2SC3437 Datasheet
722Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SC3437 TOSHIBA-2SC3437_07 Datasheet
391Kb / 5P
Silicon NPN Epitaxial Type (PCT process) Ultra High Speed Switching Applications
More results

Similar Description - 2SC3437

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com