Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD965A Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SD965A
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SD965A Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  2SD965A Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. 2SD965A Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR (NPN)
FEATURES
Audio amplifier
Flash unit of camera
Switching circuit
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current -Continuous
5
A
PC
Collector Power Dissipation
750
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA. IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
7
V
Collector cut-off current
ICBO
VCB= 10V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V, IC=0
0.1
μA
hFE(1)
VCE= 2 V, IC=1mA
200
hFE’(2)
VCE= 2V, IC = 500mA
230
800
DC current gain
hFE(3)
VCE= 2V, IC =2A
150
Collector-emitter saturation voltage
VCE(sat)
IC=3A, IB=0.1A
1
V
Transition frequency
fT
VCE=6V, IC=50mA
150
MHz
Out capacitance
Cob
VCB=20 V , IE=0, f=1MHZ
50
pF
CLASSIFICATION OF
hFE(2)
Rank
Q
R
S
Range
230-380
340-600
560-800
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
2SD965A
1 
www.htsemi.com
semiconductor
JinYu


Similar Part No. - 2SD965A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD965A UTC-2SD965A Datasheet
57Kb / 4P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
logo
Daya Electric Group Co....
2SD965A DAYA-2SD965A Datasheet
140Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SD965A SECOS-2SD965A Datasheet
107Kb / 2P
NPN Plastic Encapsulated Transistor
logo
GUANGDONG HOTTECH INDUS...
2SD965A HOTTECH-2SD965A Datasheet
169Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SD965A BILIN-2SD965A Datasheet
162Kb / 3P
LOW VOLTAGE HIGH CURRENT TRANSISTOR
Rev.A
More results

Similar Description - 2SD965A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com