Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFP450 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFP450
Description  NPN Silicon RF Transistor (For medium power amplifiers)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP450 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFP450 Datasheet HTML 1Page - Siemens Semiconductor Group BFP450 Datasheet HTML 2Page - Siemens Semiconductor Group BFP450 Datasheet HTML 3Page - Siemens Semiconductor Group BFP450 Datasheet HTML 4Page - Siemens Semiconductor Group BFP450 Datasheet HTML 5Page - Siemens Semiconductor Group BFP450 Datasheet HTML 6Page - Siemens Semiconductor Group BFP450 Datasheet HTML 7Page - Siemens Semiconductor Group BFP450 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BFP 450
Semiconductor Group
Sep-09-1998
1
SIEGET®25
NPN Silicon RF Transistor
• For medium power amplifiers
• Compression point P
-1dB = +19 dBm at 1.8 GHz
maximum available gain
Gma = 14 dB at 1.8 GHz
Noise figure
F = 1.25 dB at 1.8 GHz
• Transition frequency f
T = 24 GHz
• Gold metalization for high reliability
• SIEGET ® 25 - Line
Siemens Grounded Emitter Transistor
25 GHz
fT - Line
VPS05605
4
2
1
3
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFP 450
ANs
Q62702-F1590
1 = B
2 = E
3 = C
4 = E
SOT-343
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
V
4.5
VCBO
15
Collector-base voltage
VEBO
Emitter-base voltage
1.5
Collector current
100
mA
IC
IB
10
Base current
mW
450
Total power dissipation,
TS ≤ 96 °C
Ptot
Junction temperature
Tj
150
°C
TA
-65 ...+150
Ambient temperature
Storage temperature
Tstg
-65 ...+150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 130
K/W
1) TS is measured on the collector lead at the soldering point to the pcb
Semiconductor Group
1
1998-11-01


Similar Part No. - BFP450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP450 INFINEON-BFP450 Datasheet
1Mb / 27P
High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
BFP450 INFINEON-BFP450 Datasheet
1Mb / 28P
Linear Low Noise Silicon Bipolar RF Transistor
Revision 1.2, 2013-07-29
BFP450H6327 INFINEON-BFP450H6327 Datasheet
1Mb / 28P
High Linearity Silicon Bipolar RF Transistor
Revision 1.1, 2012-09-11
BFP450 INFINEON-BFP450_10 Datasheet
1Mb / 27P
High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
More results

Similar Description - BFP450

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
18Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
logo
Micro Electronics
2N3019 MICRO-ELECTRONICS-2N3019 Datasheet
144Kb / 2P
NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
2N3107 MICRO-ELECTRONICS-2N3107 Datasheet
143Kb / 2P
NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
BC140 MICRO-ELECTRONICS-BC140 Datasheet
144Kb / 2P
NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Seme LAB
BFY50 SEME-LAB-BFY50_02 Datasheet
43Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Renesas Technology Corp
2SC5509 RENESAS-2SC5509 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com