Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS83058AGILF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS83058AGILF
Description  8:1, SINGLE-ENDED MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83058AGILF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS83058AGILF Datasheet HTML 4Page - Integrated Device Technology ICS83058AGILF Datasheet HTML 5Page - Integrated Device Technology ICS83058AGILF Datasheet HTML 6Page - Integrated Device Technology ICS83058AGILF Datasheet HTML 7Page - Integrated Device Technology ICS83058AGILF Datasheet HTML 8Page - Integrated Device Technology ICS83058AGILF Datasheet HTML 9Page - Integrated Device Technology ICS83058AGILF Datasheet HTML 10Page - Integrated Device Technology ICS83058AGILF Datasheet HTML 11Page - Integrated Device Technology ICS83058AGILF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IDT™ / ICS™ 8:1, SINGLE-ENDED MULTIPLEXER
8
ICS83058AGI REV. C MARCH 10, 2008
ICS83058I
8:1, SINGLE-ENDED MULTIPLEXER
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
GND
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.4±5%
V
DDO
-0.9V±5%
V
DD
0.9V±5%
SCOPE
Qx
LVCMOS
GND
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.05V±5%
V
DDO
-1.25V±5%
V
DD
1.25V±5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
GND
1.65V±5%
-1.65V±5%
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
2.5 CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
PART-TO-PART SKEW
SCOPE
Qx
LVCMOS
GND
1.25V±5%
-1.25V±5%
SCOPE
Qx
LVCMOS
GND
1.6V±5%
V
DDO
-0.9V±5%
V
DD
0.9V±5%
V
DD,
V
DDO
V
DD,
V
DDO
tsk(pp)
V
DDO
2
V
DDO
2
Qy
Qx
Part 1
Part 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com