Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSF7400 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF7400
Description  30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF7400 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF7400 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF7400 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF7400 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF7400 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSF7400
30V , 1.7A , RDS(ON) 85mΩ
N-Ch Enhancement Mode Power MOSFET
25-Aug-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250μA
Gate-Threshold Voltage
VGS(th)
0.6
-
1.4
V
VDS=VGS, ID=250μA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VGS=±12V
-
-
1
VDS=30V, VGS=0
Drain-Source Leakage Current
IDSS
-
-
5
μA
VDS=24V, VGS=0
-
-
85
VGS=10V, ID=1.5A
-
-
100
VGS=4.5V, ID=1.5A
Drain-Source On-Resistance
1
RDS(ON)
-
-
140
mΩ
VGS=2.5V, ID=1A
Forward Transconductance
gfs
-
4
-
S
VDS=5V, ID=1.5A
Dynamic
Total Gate Charge
1
Qg
-
4.82
-
Gate-Source Charge
Qgs
-
0.62
-
Gate-Drain (“Miller”) Change
Qgd
-
1.58
-
nC
VDS=15V,
VGS=4.5V,
ID=1.7A
Turn-on Delay Time
1
Td(on)
-
2.5
-
Rise Time
Tr
-
2.3
-
Turn-off Delay Time
Td(off)
-
22
-
Fall Time
Tf
-
3
-
nS
VDS=15V,
VGS=10V,
RG=3Ω,
RL=10Ω,
Input Capacitance
Ciss
-
390
-
Output Capacitance
Coss
-
54.4
-
Reverse Transfer Capacitance
Crss
-
41
-
pF
VGS=0,
VDS=15V,
f=1.0MHz
Gate Resistance
Rg
-
3
-
Ω
f=1.0MHz
Source-Drain Diode
Continuous Source Current
(Body Diode)
IS
-
-
0.5
A
VG=VD=0, VS=1V
Diode Forward Voltage
1
VSD
-
-
1
V
IS=1A, VGS=0
Reverse Recovery Time
1
TRR
-
10
-
ns
Reverse Recovery Charge
QRR
-
3.6
-
nC
IS=1.7A, VGS=0
dI/dt=100A/μs
Notes:
1. Pulse width≦300us, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com