Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSG4407P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4407P
Description  -15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4407P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4407P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4407P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4407P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4407P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSG4407P
-15A, -30V, RDS(ON) 9 mΩ
Ω
Ω
Ω
P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize High Cell Density process. Low RDS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life
Miniature SO-8 Surface Mount Package Saves Board Space
High power and current handling capability
Extended VGS range (±25) for battery pack applications
APPLICATION
PWMDC-DC converters, power management in
portable and battery-powered products such as computers,
printers, battery charger, telecommunication power
system, and telephones power system.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current
1
TA=25°C
ID
-15
A
TA=70°C
-11
A
Pulsed Drain Current
2
IDM
±50
A
Continuous Source Current (Diode Conduction)
1
IS
-2.1
A
Total Power Dissipation
1
TA=25°C
PD
3.1
W
TA=70°C
2.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-Case (Max.)
1
t≦5 sec
RθJC
25
°C / W
Thermal Resistance Junction-Ambient (Max.)
1
t≦5 sec
RθJA
50
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
SOP-8
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
S
S
S
G
D
D
D
D


Similar Part No. - SSG4407P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4407P VBSEMI-SSG4407P Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE Datasheet
130Kb / 2P
P-Channel Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSG4407PE VBSEMI-SSG4407PE Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE_15 Datasheet
130Kb / 2P
P-Channel Mode Power MOSFET
SSG4407P SECOS-SSG4407P_15 Datasheet
548Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4407P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
-4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
SMG5409 SECOS-SMG5409 Datasheet
1Mb / 4P
-2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
SSD40P04 SECOS-SSD40P04_11 Datasheet
1Mb / 4P
-36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
SSD95N03 SECOS-SSD95N03 Datasheet
1Mb / 4P
96A , 30V , RDS(ON) 4m N-Ch Enhancement Mode Power MOSFET
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSG4842N SECOS-SSG4842N Datasheet
121Kb / 2P
23A , 40V , RDS(ON) 9 m N-Ch Enhancement Mode Power MOSFET
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
-13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET
STT4443 SECOS-STT4443 Datasheet
678Kb / 4P
-2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com