Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5463 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 18Page - Cirrus Logic CS5463 Datasheet HTML 19Page - Cirrus Logic CS5463 Datasheet HTML 20Page - Cirrus Logic CS5463 Datasheet HTML 21Page - Cirrus Logic CS5463 Datasheet HTML 22Page - Cirrus Logic CS5463 Datasheet HTML 23Page - Cirrus Logic CS5463 Datasheet HTML 24Page - Cirrus Logic CS5463 Datasheet HTML 25Page - Cirrus Logic CS5463 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
CS5463
22
DS678F3
If the serial port interface becomes unsynchronized with
respect to the SCLK input, any attempt to clock valid
commands into the serial interface may result in unex-
pected operation. Therefor, the serial port interface
must then be re-initialized by one of the following ac-
tions:
-Drive the CS pin high, then low.
-
Hardware Reset (drive RESET pin low for at
least 10 µs).
-
Issue the Serial Port Initialization Sequence,
which is 3 (or more) SYNC1 command bytes
(0xFF) followed by one SYNC0 command byte
(0xFE).
If a re-synchronization is necessary, it is best to re-ini-
tialize the part either by hardware or software reset
(command 0x80), as the state of the part may be un-
known.
5.15 Register Paging
Read/write commands access one of the 32 registers
within a specified page. By default, Page = 0. To access
registers in another page, the Page Register (address
0x1F) must be written with the desired page number.
Example:
Reading register 6 in page 3.
1. Write 3 to page register with command and data:
0x7E 0x00 0x00 0x03
2. Read register 6 with command:
0x0C 0xFF 0xFF 0xFF
0xFFF
0x000
0x3FF
Hardware Registers*
32 Pages
Software Register*
32 Pages
ROM
2048 Words
0x400
0x7FF
0x800
Pages
0x40 - 0x7F
Pages
0x20 - 0x3F
Pages
0 - 0x1F
* Accessed using register read/write commands.
Figure 11. CS5463 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com