Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G3157 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC1G3157
Description  2-channel analog multiplexer/demultiplexer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC1G3157 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 16Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
74LVC1G3157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 6 December 2011
13 of 25
NXP Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
11.2 Additional dynamic characteristics
Table 11.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
 2.0ns
50pF
500
open
GND
2VCC
2.3 V to 2.7 V
VCC
 2.0ns
50pF
500
open
GND
2VCC
2.7 V
VCC
 2.5ns
50pF
500
open
GND
2VCC
3 V to 3.6 V
VCC
 2.5ns
50pF
500
open
GND
2VCC
4.5 V to 5.5 V
VCC
 2.5ns
50pF
500
open
GND
2VCC
Table 12.
Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic distortion
fi = 600 Hz to 20 kHz; RL = 600 ;
CL =50pF; VI = 0.5 V (p-p);
see Figure 19
VCC =1.65V
-
0.260
-
%
VCC = 2.3 V
-
0.078
-
%
VCC = 3.0 V
-
0.078
-
%
VCC = 4.5 V
-
0.078
-
%
f(-3dB)
3 dB frequency response
RL =50 ; CL = 5 pF; see Figure 20
VCC =1.65V
-
200
-
MHz
VCC =2.3 V
-
300
-
MHz
VCC =3.0 V
-
300
-
MHz
VCC =4.5 V
-
300
-
MHz
iso
isolation (OFF-state)
RL =50 ; CL =5pF; fi =10MHz;
see Figure 21
VCC =1.65V
-
42
-
dB
VCC =2.3 V
-
42
-
dB
VCC =3.0 V
-
40
-
dB
VCC =4.5 V
-
40
-
dB
Qinj
charge injection
CL = 0.1 nF; Vgen =0V; Rgen =0 ;
fi = 1 MHz; RL =1 M; see Figure 22
VCC = 1.8 V
-
3.3
-
pC
VCC = 2.5 V
-
4.1
-
pC
VCC = 3.3 V
-
5.0
-
pC
VCC = 4.5 V
-
6.4
-
pC
VCC = 5.5 V
-
7.5
-
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com