Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G00GS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G00GS
Description  Single 2-input NAND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G00GS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G00GS Datasheet HTML 2Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 3Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 4Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 9Page - NXP Semiconductors 74LVC1G00GS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC1G00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 7 December 2011
6 of 17
NXP Semiconductors
74LVC1G00
Single 2-input NAND gate
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 8.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B to Y; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.3
8.0
1.0
10.5
ns
VCC = 2.3 V to 2.7 V
0.5
2.2
5.5
0.5
7.0
ns
VCC = 2.7 V
0.5
2.6
5.8
0.5
7.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.2
4.7
0.5
6.0
ns
VCC = 4.5 V to 5.5 V
0.5
1.8
4.0
0.5
5.5
ns
CPD
power dissipation
capacitance
VI = GND to VCC;
VCC = 3.3 V
[3]
-14-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output.
Fig 7.
The input (A and B) to output (Y) propagation delay times
mna612
tPHL
tPLH
VM
VM
A, B input
Y output
GND
VI
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com