Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEF12PUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STEF12PUR
Description  Electronic fuse for 12 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12PUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STEF12PUR Datasheet HTML 11Page - STMicroelectronics STEF12PUR Datasheet HTML 12Page - STMicroelectronics STEF12PUR Datasheet HTML 13Page - STMicroelectronics STEF12PUR Datasheet HTML 14Page - STMicroelectronics STEF12PUR Datasheet HTML 15Page - STMicroelectronics STEF12PUR Datasheet HTML 16Page - STMicroelectronics STEF12PUR Datasheet HTML 17Page - STMicroelectronics STEF12PUR Datasheet HTML 18Page - STMicroelectronics STEF12PUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STEF12
Package mechanical data
Doc ID 019056 Rev 3
15/20
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 7.
DFN10L mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
2.90
3
3.10
0.114
0.118
0.122
D2
2.23
2.38
2.48
0.088
0.094
0.098
E
2.90
3
3.10
0.114
0.118
0.122
E2
1.49
1.64
1.74
0.059
0.065
0.069
e
0.50
0.020
L
0.30
0.40
0.50
0.012
0.016
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com