Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMBJ3V3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMBJ3V3
Description  Surface Mount TRANSZORB® Transient Voltage Supressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ3V3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMBJ3V3 Datasheet HTML 1Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 2Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 3Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89419
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 20-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMBJ3V3
Vishay General Semiconductor
New Product
Note
(1) Thermal resistance from junction to lead - mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to ambient - mounted on the recommended PCB pad layout
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Pulse Waveform
Fig. 2 - Peak Pulse Power Rating Curve
Fig. 3 - Relative Variation of Leakage Current vs.
Junction Temperature
Fig. 4 - Clamping Voltage vs. Peak Pulse Current
(TJ initial = 25 °C)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to lead
RJL (1)
20
°C/W
Typical thermal resistance, junction to ambient
RJA (2)
100
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMBJ3V3-M3/52
0.096
52
750
7" diameter plastic tape and reel
SMBJ3V3-M3/5B
0.096
5B
3200
13" diameter plastic tape and reel
0
50
100
150
t
d
0
1.0
2.0
3.0
4.0
t
r = 8 µs
t
r = 10 µs
t - Time (ms)
t
d = 1000 µs
t
d = 20 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
10
1
0.1
0.01
0.1
1
10
td - Pulse Width (ms)
0.1
1
10
0
25
50
75
100
125
150
175
TJ - Junction T emperature (°C)
4
6
8
10
0.1
1
10
100
1000
IPP (A)
10/1000 µs
8/20 µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com