Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC2120 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # 2SC2120
Description  TO-92 Plastic-Encapsulate Transistors (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC2120 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  2SC2120 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SC2120 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
10
100
1000
1
10
100
10
100
0.1
1
10
1
110
100
10
100
0
25
50
75
100
125
150
0
200
400
600
800
0.2
0.4
0.6
0.8
1.0
1
10
100
1
10
100
0.1
1
0.0
0.4
0.8
1.2
1.6
2.0
0
40
80
120
160
200
800
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE=1V
3
30
300
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
2
800
β=25
30
300
30
3
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
I
C
V
CEsat
——
600
300
100
30
10
3
3
0.3
20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
500
3
30
V
CE=5V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
T
a
2SC2120
Typical Characterisitics
AMBIENT TEMPERATURE T
a
( )
℃
P
C
——
300
V
BE
I
C
——
30
3
800
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE (V)
800
30
3
β=25
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
300
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1mA
900uA
800uA
700uA
600uA
500uA
400uA
300uA
200uA
I
B=100uA
COMMON
EMITTER
T
a=25
℃
B,Dec,2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com