Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSM35GD120D2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BSM35GD120D2
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM35GD120D2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSM35GD120D2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Feb-10-1997
BSM 35 GD 120 D2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at Tj = 125 °C
Turn-on delay time
VCC = 600 V, VGE = 15 V, IC = 35 A
RGon = 39 Ω
td(on)
-
60
120
ns
Rise time
VCC = 600 V, VGE = 15 V, IC = 35 A
RGon = 39 Ω
tr
-
60
120
Turn-off delay time
VCC = 600 V, VGE = -15 V, IC = 35 A
RGoff = 39 Ω
td(off)
-
400
600
Fall time
VCC = 600 V, VGE = -15 V, IC = 35 A
RGoff = 39 Ω
tf
-
50
75
Free-Wheel Diode
Diode forward voltage
IF = 35 A, VGE = 0 V, Tj = 25 °C
IF = 35 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.9
2.3
-
2.8
V
Reverse recovery time
IF = 35 A, VR = -600 V, VGE = 0 V
diF/dt = -800 A/µs, Tj = 125 °C
trr
-
0.25
-
µs
Reverse recovery charge
IF = 35 A, VR = -600 V, VGE = 0 V
diF/dt = -800 A/µs
Tj = 25 °C
Tj = 125 °C
Qrr
-
-
5
2
-
-
µC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com