Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM321MF Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LM321MF
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM321MF Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM321MF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM321MF Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LM321MF
Source
VIN(+)=1V,VIN(-)=0V,V + =15V,Vo=2V,
Ta=25℃
20
40
mA
VIN(-)=1V,VIN(+)=0V,V + =15V,Vo=2V,
Ta=25℃
10
20
mA
Output
Current
Sink
VIN(-)=1V,VIN(+)=0V,V + =15V,
Vo=200mV,Ta=25℃
12
50
µA
Short Circuit to Ground V + =15V, Ta=25℃( Note 2)
40
85
mA
RL=2k
Ω
26
V
VOH
V + =30V
RL=10k
Ω
27
28
V
Output
Voltage
Swing
VOL
V + =5V, RL=10k
Ω
5
20
mV
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may
occur. Operating Ratings indicate conditions for which the device is intended to be
functional, but specific performance is not guaranteed. For guaranteed specifications and
the test conditions, see the Electrical Characteristics.
Note 2:
Short circuits from the output to V + can cause excessive heating and eventual
destruction. When considering short circuits to ground, the maximum output current is
approximately 40mA independent of the magnitude of V + . At values of supply voltage in
excess of +15V, continuous short-circuits can exceed the power dissipation ratings and
cause eventual destruction. Destructive dissipation can result from simultaneous shorts on
all amplifiers.
Note 3:
The maximum power dissipation is a function of T J(MAX) , θ JA , and Ta. The
maximum allowable power dissipation at any ambient temperature is P D = (T J(MAX) - Ta)/
θ JA . All numbers apply for packages soldered directly onto a PC board.
Note 4: Vo=1.4V, Rs = 0
Ω with V + from 5V to 30V; and over the full input common-mode
range (0V to V + -1.5V) at 25°C
Note 5: The direction of the input current is out of the IC due to the PNP input stage. This
current is essentially constant, independent of the state of the output so no loading change
exists on the input lines.
Note 6: The input common-mode voltage of either input signal voltage should not be
allowed to go negative by more than 0.3V (at 25°C). The upper end of them common-mode
voltage range is V + -1.5V (at 25°C), but either or both inputs can go to +32V without
damage, independent of the magnitude of V + .
Note 7: Due to proximity of external components, insure that coupling is not originating via
stray capacitance between these external parts. This typically can be detected as this type of
capacitance increases at higher frequencies.
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com