Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS6116B Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CS6116B
Description  160 Amperes / Up to 2200 Volts Dual & Single Diode Isolated Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CS6116B Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CS6116B Datasheet HTML 1Page - Powerex Power Semiconductors CS6116B Datasheet HTML 2Page - Powerex Power Semiconductors CS6116B Datasheet HTML 3Page - Powerex Power Semiconductors CS6116B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual & Single Diode Isolated Module
160 Amperes / Up to 2200 Volts
Revision Date: 04/28/2009
CD61__16B, CS61__16B
CN61__16B, CC61__16B
Outline Dimensions
Dimension
Inches
Millimeters
A
3.70
94
B
1.34
34
C
1.18
30
D
3.15
80
E
0.67
17
F
0.91
23
G
0.51
13
H
0.33
8.3
J
M6
M6
K
0.25
6.4
Note: Dimensions are for reference only.
CD61__16B, CS61__16B
CN61__16B, CC61__16B
Dual & Single Diode Isolated
POW-R-BLOK
TM Module
160 Amperes / Up to 2200 Volts
Ordering Information
:
Select the complete nine digit module
part number from the table below.
Example: CD611616B is a 1600 Volt,
160 Ampere Dual Diode Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x 10)
Version
CD61
CC61
CN61
CS61
08
12
14
16
18
20
22
16
B
Description:
Powerex Dual Diode & Single Diode
Modules are designed for use in
applications requiring rectification and
isolated packaging. The modules are
isolated for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
Electrically Isolated Heatsinking
DBC Alumina Insulator
Glass Passivated Chips
Metal Baseplate
Low Thermal Impedance
for Improved Current Capability
UL Recognized (E78240)
Benefits:
No Additional Insulation
Components Required
Easy Installation
No Clamping Components
Required
Reduce Engineering Time
Applications:
Power Supplies
Bridge Circuits
AC & DC Motor Drives
Battery Supplies
Large IGBT Circuit Front Ends
Welders
CONNECTION DIAGRAMS
2
CD61
3
-
1
~
CS61
1
2
CN61
3
1
-
2
-
2
-
CC61
3
1
+
-
A
D
G
C
12
3
B
E
F
F
H
"J" (3)
Ε "K" (2)
OUTLINE DRAWING


Similar Part No. - CS6116B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CS611616 POWEREX-CS611616 Datasheet
101Kb / 5P
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
CS611616A POWEREX-CS611616A Datasheet
101Kb / 5P
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
logo
Power Analog Micoelectr...
CS611616C PAM-CS611616C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CS611616C PAM-CS611616C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CS611616C PAM-CS611616C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
More results

Similar Description - CS6116B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD61 POWEREX-CD61 Datasheet
101Kb / 5P
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
LD4243 POWEREX-LD4243 Datasheet
97Kb / 4P
POW-R-BLOK Dual SCR/Diode Isolated Module (430 Amperes / Up to 2200 Volts)
CD4199B POWEREX-CD4199B Datasheet
323Kb / 4P
100 Amperes / Up to 1600 Volts Dual & Single Diode Isolated Module
ND4126 POWEREX-ND4126_10 Datasheet
134Kb / 4P
260 Amperes / Up to 2400 Volts Dual Diode Isolated Module
PD41 POWEREX-PD41_11 Datasheet
354Kb / 5P
Dual Diode Isolated Module 1100 Amperes Up to 2400 Volts
logo
Power Analog Micoelectr...
CC610816C PAM-CC610816C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611216C PAM-CC611216C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611416C PAM-CC611416C Datasheet
490Kb / 4P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC612016C PAM-CC612016C Datasheet
454Kb / 5P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CC612216C PAM-CC612216C Datasheet
454Kb / 5P
POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com