Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VB20100S-E3/4W Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VB20100S-E3/4W
Description  High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20100S-E3/4W Datasheet(HTML) 1 Page - Vishay Siliconix

  VB20100S-E3/4W Datasheet HTML 1Page - Vishay Siliconix VB20100S-E3/4W Datasheet HTML 2Page - Vishay Siliconix VB20100S-E3/4W Datasheet HTML 3Page - Vishay Siliconix VB20100S-E3/4W Datasheet HTML 4Page - Vishay Siliconix VB20100S-E3/4W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V20100S, VF20100S, VB20100S & VI20100S
Vishay General Semiconductor
Document Number: 88975
Revision: 24-Jun-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
New Product
High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.446 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power
losses
• High efficiency operation
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106 (for TO-220AB, ITO-220AB,
and TO-262AA package)
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, dc-to-dc
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
20 A
VRRM
100 V
IFSM
250 A
VF at IF = 20 A
0.69 V
TJ max.
150 °C
V20100S
VF20100S
VI20100S
VB20100S
PIN 1
PIN 2
PIN 3
K
1
2
3
1
K
2
3
TO-220AB
TO-263AB
NC
A
K
HEATSINK
NC
A
K
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
CASE
PIN 3
TO-262AA
TMBS
®
ITO-220AB
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20100S
VF20100S
VB20100S
VI20100S
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current (fig. 1)
IF(AV)
20
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
250
A
Non-repetitive avalanche energy at TJ = 25 °C, L = 60 mH
EAS
210
mJ
Peak repetitive reverse current
at tp = 2 µs, 1 kHz, TJ = 38 °C ± 2 °C
IRRM
1.0
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Isolation voltage (ITO-220AB only)
From terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - VB20100S-E3/4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB20100S-E3/4W VISHAY-VB20100S-E3/4W Datasheet
168Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.446 V at IF = 5 A
31-Jul-08
More results

Similar Description - VB20100S-E3/4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
23-Oct-09
V20150S VISHAY-V20150S_15 Datasheet
152Kb / 6P
High Voltage Trench MOS Barrier Schottky Rectifier
13-Aug-13
MBRF1090 VISHAY-MBRF1090_15 Datasheet
75Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier
28-Oct-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com