Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KL402 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC24F16KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KL402 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC24F16KL402 Datasheet HTML 9Page - Microchip Technology PIC24F16KL402 Datasheet HTML 10Page - Microchip Technology PIC24F16KL402 Datasheet HTML 11Page - Microchip Technology PIC24F16KL402 Datasheet HTML 12Page - Microchip Technology PIC24F16KL402 Datasheet HTML 13Page - Microchip Technology PIC24F16KL402 Datasheet HTML 14Page - Microchip Technology PIC24F16KL402 Datasheet HTML 15Page - Microchip Technology PIC24F16KL402 Datasheet HTML 16Page - Microchip Technology PIC24F16KL402 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 260 page
background image
 2011 Microchip Technology Inc.
DS31037B-page 13
PIC24F16KL402 FAMILY
FIGURE 1-1:
PIC24F16KL402 FAMILY GENERAL BLOCK DIAGRAM
Instruction
Decode and
Control
16
PCH
PCL
16
Program Counter
16-Bit ALU
23
24
Data Bus
Inst Register
16
Divide
Support
Inst Latch
16
EA MUX
Read AGU
Write AGU
16
16
8
Interrupt
Controller
PSV and Table
Data Access
Control Block
Stack
Control
Logic
Repeat
Control
Logic
Data Latch
Data RAM
Address
Latch
Address Latch
Program Memory
Data Latch
16
Address Bus
23
Control Signals
16
16
16 x 16
W Reg Array
Multiplier
17x17
PORTA(1)
RA<0:7>
PORTB(1)
RB<0:15>
Note 1:
All pins or features are not implemented on all device pinout configurations. See Table 1-4 and Table 1-5 for
I/O port pin descriptions.
Comparators
Timer4
Timer3
CCP2
A/D
10-Bit
CCP3(1)
MSSP
CN1-23(1)
UART
Data EEPROM
OSCI/CLKI
OSCO/CLKO
VDD,
Timing
Generation
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
BOR
FRC/LPRC
Oscillators
Timer2
Timer1
CCP1/
HLVD
Precision
Reference
Band Gap
ECCP1(1)
ULPWU
VSS
ULPWU
1/2(1)
1/2(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com