Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F08KL402 Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC24F08KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL402 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC24F08KL402 Datasheet HTML 34Page - Microchip Technology PIC24F08KL402 Datasheet HTML 35Page - Microchip Technology PIC24F08KL402 Datasheet HTML 36Page - Microchip Technology PIC24F08KL402 Datasheet HTML 37Page - Microchip Technology PIC24F08KL402 Datasheet HTML 38Page - Microchip Technology PIC24F08KL402 Datasheet HTML 39Page - Microchip Technology PIC24F08KL402 Datasheet HTML 40Page - Microchip Technology PIC24F08KL402 Datasheet HTML 41Page - Microchip Technology PIC24F08KL402 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 260 page
background image
TABLE 4-6:
TIMER REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TMR1
0100
Timer1 Register
0000
PR1
0102
Timer1 Period Register
FFFF
T1CON
0104
TON
—TSIDL
—
—
—
T1ECS1 T1ECS0
—
TGATE
TCKPS1
TCKPS0
—
TSYNC
TCS
—
0000
TMR2
0106
—
—
—
—
—
—
—
—
Timer2 Register
0000
PR2
0108
—
—
—
—
—
—
—
—
Timer2 Period Register
00FF
T2CON
010A
—
—
—
—
—
—
—
—
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON T2CKPS1 T2CKPS0
0000
TMR3
010C
Timer3 Register
0000
T3GCON
010E
—
—
—
—
—
—
—
—
TMR3GE
TG3POL
T3GTM
T3GSPM
T3GGO
T3GVAL
T3GSS1
T3GSS0
0000
T3CON
0110
—
—
—
—
—
—
—
—
TMR3CS1 TMR3CS0
T3CKPS1
T3CKPS0
SOSCEN
T3SYNC
—TMR3ON
0000
TMR4(1)
0112
—
—
—
—
—
—
—
—
Timer4 Register
0000
PR4(1)
0114
—
—
—
—
—
—
—
—
Timer4 Period Register
00FF
T4CON(1)
0116
—
—
—
—
—
—
—
—
—
T4OUTPS3 T4OUTPS2 T4OUTPS1 T4OUTPS0 TMR4ON T4CKPS1 T4CKPS0
0000
CCPTMRS0(1)
013C
—
—
—
—
—
—
—
—
—
C3TSEL0(1)
—
—
C2TSEL0
—
—
C1TSEL0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits and/or registers are unimplemented on PIC24FXXKL10X and PIC24FXXKL20X family devices; read as ‘0’.
TABLE 4-7:
CCP/ECCP REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CCP1CON
0190
—
—
—
—
—
—
—
—PM1(1)
PM0(1)
DC1B1
DC1B0
CCP1M3
CCP1M2 CCP1M1 CCP1M0
0000
CCPR1L
0192
—
—
—
—
—
—
—
—
Capture/Compare/PWM1 Register Low Byte
0000
CCPR1H
0194
—
—
—
—
—
—
—
—
Capture/Compare/PWM1 Register High Byte
0000
ECCP1DEL(1)
0196
—
—
—
—
—
—
—
—
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000
ECCP1AS(1)
0198
—
—
—
—
—
—
—
—
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0 PSSAC1
PSSAC0
PSSBD1 PSSBD0
0000
PSTR1CON(1) 019A
—
—
—
—
—
—
—
—CMPL1
CMPL0
—
STRSYNC
STRD
STRC
STRB
STRA
0001
CCP2CON
019C
—
—
—
—
—
—
—
—
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2 CCP2M1 CCP2M0
0000
CCPR2L
019E
—
—
—
—
—
—
—
—
Capture/Compare/PWM2 Register Low Byte
0000
CCPR2H
01A0
—
—
—
—
—
—
—
—
Capture/Compare/PWM2 Register High Byte
0000
CCP3CON(1)
01A8
—
—
—
—
—
—
—
—
—
—
DC3B1
DC3B0
CCP3M3
CCP3M2 CCP3M1 CCP3M0
0000
CCPR3L(1)
01AA
—
—
—
—
—
—
—
—
Capture/Compare/PWM3 Register Low Byte
0000
CCPR3H(1)
01AC
—
—
—
—
—
—
—
—
Capture/Compare/PWM3 Register High Byte
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits and/or registers are unimplemented on PIC24FXXKL10X and PIC24FXXKL20X family devices; read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com