Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F08KL402 Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC24F08KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL402 Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC24F08KL402 Datasheet HTML 109Page - Microchip Technology PIC24F08KL402 Datasheet HTML 110Page - Microchip Technology PIC24F08KL402 Datasheet HTML 111Page - Microchip Technology PIC24F08KL402 Datasheet HTML 112Page - Microchip Technology PIC24F08KL402 Datasheet HTML 113Page - Microchip Technology PIC24F08KL402 Datasheet HTML 114Page - Microchip Technology PIC24F08KL402 Datasheet HTML 115Page - Microchip Technology PIC24F08KL402 Datasheet HTML 116Page - Microchip Technology PIC24F08KL402 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 260 page
background image
 2011 Microchip Technology Inc.
DS31037B-page 113
PIC24F16KL402 FAMILY
REGISTER 11-1:
ANSA: ANALOG SELECTION (PORTA)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
—
ANSA3
ANSA2
ANSA1
ANSA0
bit 7
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
HSC = Hardware Settable/Clearable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-4
Unimplemented:
Read as ‘0’
bit 3-0
ANSA<3:0>:
Analog Select Control bits
1
= Digital input buffer is not active (use for analog input)
0
= Digital input buffer is active
REGISTER 11-2:
ANSB: ANALOG SELECTION (PORTB)
R/W-1
R/W-1
R/W-1
R/W-1
U-0
U-0
U-0
U-0
ANSB15
ANSB14
ANSB13(1)
ANSB12(1)
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
ANSB4
ANSB3(2)
ANSB2(1)
ANSB1(1)
ANSB0(1)
bit 7
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
HSC = Hardware Settable/Clearable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
ANSB<15:12>:
Analog Select Control bits(1)
1
= Digital input buffer is not active (use for analog input)
0
= Digital input buffer is active
bit 11-5
Unimplemented:
Read as ‘0’
bit 4-0
ANSB<4:0>:
Analog Select Control bits(2)
1
= Digital input buffer is not active (use for analog input)
0
= Digital input buffer is active
Note 1:
ANSB<13:12,2:0> are unimplemented on 14-pin devices.
2:
ANSB<3> is unimplemented on 14-pin and 20-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com