Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC78M09ACT Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC78M09ACT
Description  THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78M09ACT Datasheet(HTML) 5 Page - Motorola, Inc

  MC78M09ACT Datasheet HTML 1Page - Motorola, Inc MC78M09ACT Datasheet HTML 2Page - Motorola, Inc MC78M09ACT Datasheet HTML 3Page - Motorola, Inc MC78M09ACT Datasheet HTML 4Page - Motorola, Inc MC78M09ACT Datasheet HTML 5Page - Motorola, Inc MC78M09ACT Datasheet HTML 6Page - Motorola, Inc MC78M09ACT Datasheet HTML 7Page - Motorola, Inc MC78M09ACT Datasheet HTML 8Page - Motorola, Inc MC78M09ACT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC78M00 MC78M00A Series
5
MOTOROLA ANALOG IC DEVICE DATA
MC78M15C/AC ELECTRICAL CHARACTERISTICS (VI = 23 V, IO = 350 mA, –40°C < TJ < 125°C, PD ≤ 5.0 W,
unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
Vdc
MC78M15C
14.4
15
15.6
MC78M15AC
14.7
15
15.3
Output Voltage Variation
VO
Vdc
(17.5 Vdc
≤ VI ≤ 30 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
MC78M15C
14.25
–
15.75
MC78M15AC
14.40
–
15.60
Input Regulation
Regline
–
10
50
mV
(TJ = 25°C, 17.5 Vdc ≤ VI ≤ 30 Vdc, IO = 200 mA)
Load Regulation
Regload
mV
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
–
25
300
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
–
10
150
Input Bias Current (TJ = 25°C)
IIB
–
3.2
6.0
mA
Quiescent Current Change
∆IIB
mA
(17.5 Vdc
≤ VI ≤ 30 Vdc, IO = 200 mA)
–
–
0.8
(5.0 mA
≤ IO ≤ 350 mA)
–
–
0.5
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
–
90
–
µV
Ripple Rejection
RR
dB
(IO = 100 mA, f = 120 Hz, 18.5 V ≤ VI ≤ 28.5 V)
54
–
–
(IO = 300 mA, f = 120 Hz, 18.5 V ≤ VI ≤ 28.5 V, TJ = 25°C)
54
70
–
Dropout Voltage
VI–VO
–
2.0
–
Vdc
(TJ = 25°C)
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
–
50
–
mA
Average Temperature Coefficient of Output Voltage
∆VO/∆T
–
±0.3
–
mV/
°C
(IO = 5.0 mA)
Peak Output Current
IO
–
700
–
mA
(TJ = 25°C)
MC78M18C ELECTRICAL CHARACTERISTICS (VI = 27 V, IO = 350 mA, –40°C < TJ < 125°C, PD ≤ 5.0 W, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
17.3
18
18.7
Vdc
Output Voltage Variation
VO
17.1
–
18.9
Vdc
(21 Vdc
≤ VI ≤ 33 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
Line Regulation
Regline
–
10
50
mV
(TJ = 25°C, 21 Vdc ≤ VI ≤ 33 Vdc, IO = 200 mA)
Load Regulation
Regload
mV
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
–
30
360
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
–
10
180
Input Bias Current (TJ = 25°C)
IIB
–
3.2
6.5
mA
Quiescent Current Change
∆IIB
mA
(21 Vdc
≤ VI ≤ 33 Vdc, IO = 200 mA)
–
–
0.8
(5.0 mA
≤ IO ≤ 350 mA)
–
–
0.5
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
–
100
–
µV
Ripple Rejection
RR
dB
(IO = 100 mA, f = 120 Hz, 22 V ≤ VI ≤ 32 V)
53
–
–
(IO = 300 mA, f = 120 Hz, 22 V ≤ VI ≤ 32 V, TJ = 25°C)
53
70
–
Dropout Voltage
VI–VO
–
2.0
–
Vdc
(TJ = 25°C)
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
–
50
–
mA
Average Temperature Coefficient of Output Voltage
∆VO/∆T
–
±0.3
–
mV/
°C
(IO = 5.0 mA)
Peak Output Current
IO
–
700
–
mA
(TJ = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com