Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R46 Datasheet(PDF) 2 Page - Kemet Corporation

Part # R46
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 2 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
09/2008
151
R.46
X2 CLASS (IEC 60384-14) - MKP Series
meTAllized PolYPRoPYlene Film CAPACiToR
SELF-HEALING PRoPERTIES
APPRoVAlS
(**) ENEC mark has replaced all the following European
National marks:
All dimensions are in mm
E12 Series available upon request
Table 1
Standard
packaging style
lead
length
(mm)
Taping style
ordering
code
(Digit 10 to
11)
P
2
(mm)
Fig.
(No.)
Pitch
(mm)
AMMo-PACK
AMMo-PACK
12.70
19.05
1
2
10.0/15.0
22.5
DQ
DQ
REEL
Ø500mm
REEL
Ø500mm
12.70
19.05
1
2
10.0/15.0
22.5/27.5
CK
CK
Loose, short leads
Loose, long leads
Loose, long leads
04 +2
25 -1/+2
30 +5
00
50
40
Loose, insulated
rigid leads
Loose, insulated
flexible leads
30 +5
150 ±5
51
52
Note: Ammo-pack is the preferred packaging for taped version.
For “capacitor connected in serial with main line” (two - phase and
three - phase net) application, please read the “SHoRT GUIDE To
CHooSE THE RIGHT FILM CAPACIToRS” and contact
our Technical Service for choosing the safest solution.
Rated Cap.
275 Vac / 560 Vdc
Std dimensions
Ø
d
max
dv/dt at
390Vdc
Part number
B
H
l
p
(V/ µs)
0.010 µF
4.0
9.0
13.0
10.0
0.6
500
R46 KF 2100 - - N0 -
0.015 µF
4.0
9.0
13.0
10.0
0.6
500
R46 KF 2150 - - N0 -
0.022 µF
4.0
9.0
13.0
10.0
0.6
500
R46 KF 2220 - - N0 -
0.033 µF
5.0
11.0
13.0
10.0
0.6
500
R46 KF 2330 - - M1 -
0.047 µF
5.0
11.0
13.0
10.0
0.6
500
R46 KF 2470 - - N0 -
0.068 µF
6.0
12.0
13.0
10.0
0.6
500
R46 KF 2680 - - M1 -
0.10 µF
6.0
12.0
13.0
10.0
0.6
500
R46 KF 3100 - - M1 M
0.010 µF
5.0
11.0
18.0
15.0
0.6
400
R46 KI
2100 - - 01
-
0.015 µF
5.0
11.0
18.0
15.0
0.6
400
R46 KI
2150 - - 01
-
0.022 µF
5.0
11.0
18.0
15.0
0.6
400
R46 KI
2220 - - 01
-
0.033 µF
5.0
11.0
18.0
15.0
0.6
400
R46 KI
2330 - - 01
-
0.047 µF
5.0
11.0
18.0
15.0
0.6
400
R46 KI
2470 - - 01
-
0.068 µF
5.0
11.0
18.0
15.0
0.6
400
R46 KI
2680 - - 01
-
0.10 µF
5.0
11.0
18.0
15.0
0.6
400
R46 KI
3100 - - M1 -
0.15 µF
6.0
12.0
18.0
15.0
0.6
400
R46 KI
3150 - - M2 -
0.15 µF
9.0
12.5
18.0
15.0
0.6
400
R46 KI
3150 - - L2
-
0.22 µF
7.5
13.5
18.0
15.0
0.6
400
R46 KI
3220 - - M2 -
0.22 µF
9.0
12.5
18.0
15.0
0.6
400
R46 KI
3220 - - L2
-
0.22 µF
6.0
17.5
18.0
15.0
0.6
400
R46 KI
3220 - - 02
-
0.33 µF
8.5
14.5
18.0
15.0
0.6
400
R46 KI
3330 - - N0 -
0.33 µF 10.0
16.0
18.0
15.0
0.8
400
R46 KI
3330 - - M1 -
0.33 µF
9.0
12.5
18.0
15.0
0.6
400
R46 KI
3330 - - N1 M
0.33 µF
7.5
18.5
18.0
15.0
0.8
400
R46 KI
3330 - - 02
-
0.33 µF 13.0
12.0
18.0
15.0
0.8
400
R46 KI
3330 - - 01
-
0.47 µF
7.5
18.5
18.0
15.0
0.8
400
R46 KI
3470 - - 02
M
0.47 µF 10.0
16.0
18.0
15.0
0.8
400
R46 KI
3470 - - N0 M
0.47 µF 11.0
19.0
18.0
15.0
0.8
400
R46 KI
3470 - - M1 -
0.56 µF 11.0
19.0
18.0
15.0
0.8
400
R46 KI
3560 - - N0 -
0.60 µF 11.0
19.0
18.0
15.0
0.8
400
R46 KI
3600 - - N0 -
0.15 µF
6.0
15.0
26.5
22.5
0.8
200
R46 KN 3150 - - 01
-
0.22 µF
6.0
15.0
26.5
22.5
0.8
200
R46 KN 3220 - - M1 -
0.33 µF
6.0
15.0
26.5
22.5
0.8
200
R46 KN 3330 - - N0 -
0.47 µF
7.0
16.0
26.5
22.5
0.8
200
R46 KN 3470 - - N0 -
0.68 µF 10.0
18.5
26.5
22.5
0.8
200
R46 KN 3680 - - M2 -
1.0 µF 10.0
18.5
26.5
22.5
0.8
200
R46 KN 4100 - - N2 M
1.0 µF 11.0
20.0
26.5
22.5
0.8
200
R46 KN 4100 - - N1 -
0.47 µF
9.0
17.0
32.0
27.5
0.8
150
R46 KR 3470 - - 01
-
0.68 µF
9.0
17.0
32.0
27.5
0.8
150
R46 KR 3680 - - M1 -
1.0 µF 11.0
20.0
32.0
27.5
0.8
150
R46 KR 4100 - - M1 -
1.5 µF 13.0
22.0
32.0
27.5
0.8
150
R46 KR 4150 - - M1 -
2.2 µF 13.0
25.0
32.0
27.5
0.8
150
R46 KR 4220 - - M2 -
2.2 µF 14.0
28.0
32.0
27.5
0.8
150
R46 KR 4220 - - M1 -
3.3 µF 18.0
33.0
32.0
27.5
0.8
150
R46 KR 4330 - - M2 -
4.7 µF 18.0
33.0
32.0
27.5
0.8
150
R46 KR 4470 - - M2 -
4.7 µF 22.0
37.0
32.0
27.5
0.8
150
R46 KR 4470 - - M1 -
1.5 µF 11.0
22.0
41.5
37.5
1.0
100
R46 KW 4150 - - M1 -
2.2 µF 11.0
22.0
41.5
37.5
1.0
100
R46 KW 4220 - - M2 M
2.2 µF 13.0
24.0
41.5
37.5
1.0
100
R46 KW 4220 - - M1 -
3.3 µF 16.0
28.5
41.5
37.5
1.0
100
R46 KW 4330 - - M1 -
4.7 µF 16.0
28.5
41.5
37.5
1.0
100
R46 KW 4470 - - M2 M
4.7 µF 19.0
32.0
41.5
37.5
1.0
100
R46 KW 4470 - - M1 -
6.8 µF 20.0
40.0
41.5
37.5
1.0
100
R46 KW 4680 - - M2 -
6.8 µF 24.0
44.0
41.5
37.5
1.0
100
R46 KW 4680 - - M1 -
10.0 µF 30.0
45.0
41.5
37.5
1.0
100
R46 KW 5100 - - M1 -
Rated voltage (K=275Vac)
Mechanical version and packaging (Table 1)
Tolerance: K (±10%); M (±20%)
(**)
ENEC
IEC 60384-14
Class X2
File No.V4413
UL 1414
(up to 1µF, 85°C;
250Vac)
Across-the-line
File No.E97797
CSA - C22.2 No.1
(up to 1µF, 85°C;
250Vac)
Across-the-line
certified for
Canada
File No.E97797
UL 1283
(310 Vac)
Electromagnetic
Interference
Filters
File No.E85238
CSA - C22.2 No.8
(310 Vac)
Electromagnetic
Interference
Filters certified
for Canada
File No.E85238
GB/T 14472
Class X2
File CQC03001008199
CQC03001008842
Approved according to IEC 60384-14
According to IEC 60065
Not for use in series with the mains.
See www.kemet.com for more information.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com