Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WFP830 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFP830
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP830 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP830 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP830 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP830 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP830 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP830 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP830 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP830 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WFP830
WFP830
WFP830
WFP830
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
500
V
ID
Continuous Drain Current(@Tc=25℃)
4.5
A
Continuous Drain Current(@Tc=100℃)
2.9
A
IDM
Drain Current Pulsed
(Note1)
18
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Total Power Dissipation(@Tc=25
℃)
73
W
Derating Factor above 25
℃
0.55
W/
℃
TJ, Tstg
Junction and Storage Temperature
-55~150
℃
TL
Maximum lead Temperature for soldering purposes
300
℃
Copyright@Winsemi Microelectronics Co.,Ltd.,All rights reserved.
Rev, C Nov. 2008
T02-2
Silic
Silic
Silic
Silico
o
o
on
n
n
n N-C
N-C
N-C
N-Ch
h
h
ha
a
a
ann
nn
nn
nnel
el
el
el MOS
MOS
MOS
MOSF
F
F
FET
ET
ET
ET
Features
Features
Features
Features
■ 4.5A,500V,RDS(on)(Max 1.5Ω)@VGS=10V
■ Ultra-low Gate Charge(Typical 32nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150℃)
General
General
General
General Description
Description
Description
Description
This Power MOSFET is produced using Winsemi’s advanced planar
stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a high
rugged avalanche characteristics. This devices is specially well
suited for high efficiency switch model power supplies, power factor
correction and half bridge and full bridge resonant topology line a
electronic lamp ballast.
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
Thermal
Thermal
Thermal
Thermal Characteristics
Characteristics
Characteristics
Characteristics
G
G
G
G
D
D
D
D
S
S
S
S
T
T
T
TO
O
O
O220
220
220
220
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance, Junction-to-Case
-
-
1.7
℃/W
RQCS
Thermal Resistance, Case to Sink
-
0.5
-
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
℃/W


Similar Part No. - WFP830

ManufacturerPart #DatasheetDescription
logo
Wisdom technologies Int...
WFP830 WISDOM-WFP830 Datasheet
827Kb / 7P
N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFP830B WINSEMI-WFP830B Datasheet
482Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - WFP830

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2211 KEXIN-2SK2211 Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK1880S KEXIN-2SK1880S Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
WFF9N50 WINSEMI-WFF9N50 Datasheet
1Mb / 7P
Silicon N-Channel MOSFET
WFF8N65B WINSEMI-WFF8N65B Datasheet
711Kb / 7P
Silicon N-Channel MOSFET
WFD830B WINSEMI-WFD830B Datasheet
434Kb / 7P
Silicon N-Channel MOSFET
WFD4N60B WINSEMI-WFD4N60B Datasheet
510Kb / 7P
Silicon N-Channel MOSFET
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
Silicon N-Channel MOSFET
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com