Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F43 Datasheet(PDF) 88 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 88 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 92Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 152 page
background image
I
2C Interface
The I
2C interface is used to communicate with external peripheral devices such as sensors, EEPROM
memory etc. Originally developed by Philips, it is a two line low speed serial interface for synchronous
serial data transfer. The advantage of only two lines for communication, relatively simple
communication protocol and the ability to accommodate multiple devices on the same bus has made it
an extremely popular interface type for many applications.
I
2C Interface Operation
The I
2C serial interface is a two line interface, a serial data line, SDA, and serial clock line, SCL. As
many devices may be connected together on the same bus, their outputs are both open drain types. For
this reason it is necessary that external pull-high resistors are connected to these outputs. Note that no
chip select line exists, as each device on the I
2C bus is identified by a unique address which will be
transmitted and received on the I
2C bus.
When two devices communicate with each other on the bidirectional I
2C bus, one is known as the
master device and one as the slave device. Both master and slave can transmit and receive data,
however, it is the master device that has overall control of the bus. For these devices, which only
operates in slave mode, there are two methods of transferring data on the I
2C bus, the slave transmit
mode and the slave receive mode.
There are several configuration options associated with the I
2C interface. One of these is to enable the
function which selects the SIM pins rather than normal I/O pins. Note that if the configuration option
does not select the SIM function then the SIMEN bit in the SIMC0 register will have no effect. A
configuration option exists to allow a clock other than the system clock to drive the I
2C interface.
Another configuration option determines the debounce time of the I
2C interface. This uses the internal
clock to in effect add a debounce time to the external clock to reduce the possibility of glitches on the
clock line causing erroneous operation. The debounce time, if selected, can be chosen to be either 1 or
2 system clocks.
I
2C Registers
There are three control registers associated with the I
2C bus, SIMC0,
SIMC1 and SIMA and one data register, SIMD. The SIMD register,
which is shown in the above SPI section, is used to store the data being
transmitted and received on the I
2C bus. Before the microcontroller
writes data to the I
2C bus, the actual data to be transmitted must be placed
in the SIMD register. After the data is received from the I
2C bus, the
microcontroller can read it from the SIMD register. Any transmission or
reception of data from the I
2C bus must be made via the SIMD register.
Note that the SIMA register also has the name SIMC2 which is used by the
SPI function. Bit SIMEN and bits SIM2~SIM0 in register SIMC0 are used
by the I
2C interface.
Rev. 1.20
88
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
D e v i c e
S l a v e
D e v i c e
M a s t e r
D e v i c e
S l a v e
V D D
S D A
S C L
I
2C Master Slave Bus Connection
S T A R T s i g n a l
f r o m M a s t e r
S e n d s l a v e a d d r e s s
a n d R / W b i t f r o m M a s t e r
A c k n o w l e d g e
f r o m s l a v e
S e n d d a t a b y t e
f r o m M a s t e r
A c k n o w l e d g e
f r o m s l a v e
S T O P s i g n a l
f r o m M a s t e r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com