Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT83B60 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 21Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 22Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 25Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 28Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
Rev. 1.00
�4
De�e��e� 1�� �011
Rev. 1.00
�5
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
Input/Output Ports and Control Registers
WithintheareaofSpecialFunctionRegisters,theI/Oregistersandtheirassociatedcontrolregisters
playaprominentrole.AllI/OportshaveadesignatedregistercorrespondinglylabeledasPA,PB
andPC.TheselabeledI/OregistersaremappedtospecificaddresseswithintheDataMemoryas
shownintheDataMemorytable,whichareusedtotransfertheappropriateoutputorinputdataon
thatport.WitheachI/OportthereisanassociatedcontrolregisterlabeledPAC,PBCandPCC,also
mappedtospecificaddresseswiththeDataMemory.Thecontrolregisterspecifieswhichpinsof
thatportaresetasinputsandwhicharesetasoutputs.Tosetupapinasaninput,thecorresponding
bitofthecontrolregistermustbesethigh,foranoutputitmustbesetlow.Duringprogram
initialization,itisimportanttofirstsetupthecontrolregisterstospecifywhichpinsareoutputsand
whichareinputsbeforereadingdatafromorwritingdatatotheI/Oports.Oneflexiblefeatureof
theseregistersistheabilitytodirectlyprogramsinglebitsusingthe"SET[m].i"and"CLR[m].
i"instructions.TheabilitytochangeI/Opinsfromoutputtoinputandviceversabymanipulating
specificbitsoftheI/Ocontrolregistersduringnormalprogramoperationisausefulfeatureofthese
devices.
Port C Pull-high Control Register - PCPHC
PortCpull-highcontrolregister,PCPHC,isusedtosetthePortCpullhighfunction.
2+ 2 0+ 4A CE IJ AH
b7
b0
C ont ro l t he Po r t C P ul l- Hi gh
1: enabk e
0: d is abl e - def aul t
No t i m p le me nt ed, r ead as " 0"
PC P HC0
PC PH C1
PC P HC2
Voice Control and Audio output Registers - DAL, DAH, VOL
Thedevicesincludeasingle12-bitcurrenttypeDACfunctionfordrivinganexternal8Wspeaker
throughanexternalNPNtransistororPowerAmplifier.Theprogrammermustwriterthevoicedata
totheseDAL/DAHregisters.TheprogrammercancontroltheDACvolumewith8-levelsviathe
VOLregister.
Pulse Width Modulator Registers - PWMC, PWML, PWMH
Eachdevicecontainsasingle12-bitPWMfunctionfordrivinganexternal8Wspeaker.The
programmermustwriterthevoicedatatoPWML/PWMHregister.Theprogrammercancontrolthe
PWMvolumewith9-levelsviatheVOLregister.
Serial Interface Module (SIM) Registers - SIMC0A/B, SIMC1A/B, SIMC2A/B,
SIMARA/B, SIMDRA/B
EachSIMcontainsSPIandI2CfunctionforcommunicatingwithothermicrocontrollerorSPIFlash
Memory.AlldevicescontainanintegratedI2CandSPIbuswhichinterfacestotheexternalshared
pinsSDA,SCLandSCSB,SCK,SDI,SDOwithPBonthemicrocontroller.TheI2Ccorrectsetup
anddatatransferoperationofthis2-linebidirectionalbusutilizes4specialfunctionregisters.The
SIMARA/BregistersetstheslaveaddressofthedevicewhiletheSIMC0A/Bisthecontrolregister
thatenablesordisablesthedeviceaswellasselectwhetheritisinI2CorSPImode.TheSIMC1A/
BregisteristheI2CstatusregisterwhiletheSIMDRA/Bregisteristheinput/outputdataregister.
TheSPIcorrectsetupanddatatransferoperationofthis3-linebidirectionalbusutilizes3special
functionregisters.TheSIMC0A/Bisthecontrolregisterthatenablesordisablesthedeviceaswell
asselectwhetheritisinI2CorSPImode.TheSIMC2A/BregisteristheSPIstatusregisterwhilethe
SIMDRA/Bregisteristheinput/outputdataregister.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com