Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT16525 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT16525
Description  5x8 Dot Character VFD Controller & Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16525 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT16525 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16525 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Rev. 1.00
4
January 18, 2012
HT16525
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Approximate Internal Connections
S1~S40,G1~G24,AD1,AD2
TEST
VDD
VSS
CS,SCK,SI,RST
(ForSchmitTriggerType)
VH
VSS
VDD
VSS
P1,P2
VDD
VSS
Absolute Maximum Ratings
LogicSupplyVoltage............... Vss-0.3VtoVss+6.0V
DriverSupplyVoltage............... Vss-0.3VtoVss+66V
InputVoltage.. ……………….Vss-0.3VtoVDD+0.3V
OutputVoltage.........................Vss-0.3VtoVDD+0.3V
Gridoutputcurrent............................... -20mAto4mA
Segmentoutputcurrent........................ -10mAto4mA
ADoutputcurrent................................ -15mAto4mA
Generalportoutputcurrent................ -20mAto40mA
StorageTemperature........................... -55°Cto125°C
OperationTemperature......................... -40°Cto85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com