Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SBW3320 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SBW3320
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SBW3320 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SBW3320 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 /7
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
SBW3320
SBW3320
SBW3320
SBW3320
Electrical Characteristics (T
C=25unless otherwise noted)
Symbol
Parameter
Test Conditions
Value
Units
Min
Typ
Max
VCEO(sus)
Collector-Emitter Breakdown Voltage Ic=10mA,Ib=0
400
-
-
V
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=6.0A,Ib=1.2A
-
-
1.0
V
Ic=8.0A,Ib=1.6A
Tc=100℃
-
-
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
Ic=6.0A,Ib=1.2A
-
-
1.2
V
Ic=8.0A,Ib=1.6A
Tc=100℃
-
-
1.5
V
IEBO
Emitter-Base Cutoff Current
Veb=7V,Ic=0V
-
-
1
mA
IcBO
Collector-Base Cutoff Current
Vcb=500V,Ic=0V
-
-
1
mA
hFE
DC Current Gain
Vce=5V, Ic=5.0A
Vce=5V, Ic=8.0A
10
6
-
-
40
30
ts
Storage Time
VCC=5.0V , Ic=0.5A
(UI9600)
4
-
-
6
0.8
tf
Fall Time
fT
Current Gain Band with Prouct
Vce=10V, Ic=0.5A
4
MHz
Note:
Note:
Note:
Note:
Pulse Test : Pulse width 300, Duty cycle 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com