Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM18DF2L0521 Datasheet(PDF) 2 Page - Protek Devices

Part # PAM18DF2L0521
Description  ULTRA LOW CATACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM18DF2L0521 Datasheet(HTML) 2 Page - Protek Devices

  PAM18DF2L0521 Datasheet HTML 1Page - Protek Devices PAM18DF2L0521 Datasheet HTML 2Page - Protek Devices PAM18DF2L0521 Datasheet HTML 3Page - Protek Devices PAM18DF2L0521 Datasheet HTML 4Page - Protek Devices PAM18DF2L0521 Datasheet HTML 5Page - Protek Devices PAM18DF2L0521 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05349.R0 12/11
Page 2
PAM18DF2L0521
tYPICAL DEVICE ChARACtERIStICS
MAXIMuM RAtINGS @ 25°C unless Otherwise Specified
PARAMEtER
SYMBOL
VALuE
uNItS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
80
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECtRICAL ChARACtERIStICS PER LINE @ 25°C unless Otherwise Specified
PARt
NuMBER
DEVICE
MARkING
RAtED
StAND-OFF
VOLtAGE
V
WM
VOLtS
MINIMuM
BREAkDOWN
VOLtAGE
@ 1mA
V
(BR)
VOLtS
MAXIMuM
CLAMPING
VOLtAGE
(Fig. 2)
@I
P = 1A
V
C
VOLtS
MAXIMuM
CLAMPING
VOLtAGE
(Fig. 2)
@ 8/20µS
V
C @ IPP
MAXIMuM
LEAkAGE
CuRRENt
@V
WM
I
D
µA
tYPICAL
CAPACItANCE
@0V, 1Mhz
C
J
pF
PAM18DF2L0521
H
5.0
6.0
14.0
20.0V @ 4.0A
1
0.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com