Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM19DF2L0521P Datasheet(PDF) 1 Page - Protek Devices

Part # PAM19DF2L0521P
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM19DF2L0521P Datasheet(HTML) 1 Page - Protek Devices

  PAM19DF2L0521P Datasheet HTML 1Page - Protek Devices PAM19DF2L0521P Datasheet HTML 2Page - Protek Devices PAM19DF2L0521P Datasheet HTML 3Page - Protek Devices PAM19DF2L0521P Datasheet HTML 4Page - Protek Devices PAM19DF2L0521P Datasheet HTML 5Page - Protek Devices PAM19DF2L0521P Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05364.R0 1/12
Page 1
PAM19DF2L0521P
uLtRA LOW CAPACItANCE tVS ARRAY
DESCRIPtION
The PAM19DF2L0521P is an ultra low capacitance transient voltage suppressor array, designed to protect automotive
applications from the damaging effects of Electrostatic Discharge and Electrical Fast Transients.
The PAM19DF2L0521P meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operating fre-
quencies or faster edge rates, insertion loss and signal integrity are a major concern. This device offers an ultra low
capacitance and low leakage current in a miniature DFN-2-0402 package.
FEAtuRES
• Compatible with IEC 61000-4-2 (ESD)
• Compatible with IEC 61000-4-4 (EFT)
• Compatible with IEC 61000-4-5 (Surge)
• 20 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ESD Protection
• Low Clamping Voltage
• Protects One Bidirectional Line
• Ultra Low Capacitance: 0.6 pF
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACtERIStICS
• Molded JEDEC DFN-2-0402 Package
• Approximate Weight: 2 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICAtIONS
• Automotive Applications
PIN CONFIGuRAtION
1
2
DFN-2 PACkAGE


Similar Part No. - PAM19DF2L0521P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PAM10ST2324C PROTEC-PAM10ST2324C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PAM11KLD8S24CAP PROTEC-PAM11KLD8S24CAP Datasheet
371Kb / 5P
high power tvs for automotive load dump applications
PAM11SO803 PROTEC-PAM11SO803 Datasheet
507Kb / 6P
HIGH POWER LOW CAPACITANCE TVS ARRAY
PAM12SO824 PROTEC-PAM12SO824 Datasheet
700Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM19DF2L0521P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com