Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSLC03 Datasheet(PDF) 5 Page - Protek Devices

Part # PSLC03
Description  350 WATT LOW CAPACITANCE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSLC03 Datasheet(HTML) 5 Page - Protek Devices

  PSLC03 Datasheet HTML 1Page - Protek Devices PSLC03 Datasheet HTML 2Page - Protek Devices PSLC03 Datasheet HTML 3Page - Protek Devices PSLC03 Datasheet HTML 4Page - Protek Devices PSLC03 Datasheet HTML 5Page - Protek Devices PSLC03 Datasheet HTML 6Page - Protek Devices PSLC03 Datasheet HTML 7Page - Protek Devices PSLC03 Datasheet HTML 8Page - Protek Devices PSLC03 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05091.R15 8/10
Page 5
PSLC03 - PSLC24C
SPiCe MoDeL
FiguRe 1
SPiCe MoDeL
taBLe 1 - SPiCe PaRaMeteRS
PaRaMeteR
unit
aBD(tvS)
LCRD
BV
V
See Table 2
200
IBV
µA
1
0.01
C
jo
pF
See Table 2
5
I
S
A
See Table 2
1E-13
Vj
V
0.6
0.6
M
-
0.33
0.33
N
-
1
1
R
S
Ohms
See Table 2
0.31
TT
s
1E-8
1E-9
EG
eV
1.11
1.11
taBLe 2 - aBD SPeCiFiC SPiCe PaRaMeteRS
PaRt nuMBeR
B
v(voLtS)
C
jo(pF)
i
S (aMPS)
R
s(ohMS)
PSLC03
4.5
200
1E-11
0.22
PSLC05
6.0
140
1E-11
0.18
PSLC08
8.5
67
1E-11
0.12
PSLC12
13.3
55
1E-13
1.10
PSLC15
16.7
47
1E-13
1.43
PSLC24
26.7
28
1E-13
4.24
PSLC03C
4.5
200
1E-11
0.22
PSLC05C
6.0
140
1E-11
0.18
PSLC08C
8.5
67
1E-11
0.12
PSLC12C
13.3
55
1E-13
1.10
PSLC15C
16.7
47
1E-13
1.43
PSLC24C
26.7
28
1E-13
4.24
ABD - Avalanche Breakdown Diode (TVS)
LCRD: Low Capacitance Rectifier Diode
Lg - Lead Inductance
ABD
Lg
0.8nH
UNIDIRECTIONAL
BIDIRECTIONAL
LCRD
LCRD
I/O
ABD
Lg
0.65nH
LCRD
LCRD
I/O
ABD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com