Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS2910 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2910
Description  WS2910 ?싩뵪遙섆벽佯쪳ED要긷뒯
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2910 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2910 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
3/7
WS
WS
WS
WS2910
2910
2910
2910
订购信息
封装
芯片表面标识
采购器件名称
8-pin SOP8,
Pb-free
WS2910SP
WS2910SP
推荐工作条件
符号
参数
值
单位
VIN
供电电压
10-450
V
RT
RT端所接电阻值
226(1000)
Kohm
TA
工作温度
-20 to 85
℃
极限参数
符号
参数
值
单位
VIN
DC供电电压
-0.5-470
V
VDD
内部电源
12
V
CS, LD, PWMD,
GATE, RT
各引脚到地
-0.3~(VDD+0.3)
V
TJ
工作结温
-40 to +150
℃
TSTG
储藏温度
-65° to +150
℃
固有损耗
8-Lead SOIC
630
mW
注
:上表所述仅为极限条件,超过上表中规定的极限参数会导致器件永久损坏。不推荐将该器件工作在极限条件及其以上,
工作在极限条件及其以上,可能会影响器件的可靠性。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com